Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025MJ-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN5E025MJ-E
Description  Single channel high side driver with analog current sense for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025MJ-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN5E025MJ-E Datasheet HTML 7Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 8Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 9Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 10Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 11Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 12Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 13Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 14Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID16373 Rev 2
11/35
VN5E025MJ-E
Electrical specifications
33
ISENSE0
Analog sense
leakage current
IOUT = 0A; VSENSE = 0V; VCSD = 5V;
VIN = 0V; Tj = -40°C...150°C
01
µA
IOUT = 0A; VSENSE = 0V; VCSD = 0V;
VIN = 5V; Tj = -40°C...150°C
02
µA
IOUT = 2A; VSENSE = 0V; VCSD = 5V;
VIN = 5V; Tj = -40°C...150°C
01
µA
IOL
Open load on-state
current detection
threshold
VIN = 5V, 8V < VCC < 18V;
ISENSE = 5 µA
530
mA
VSENSE
Max analog sense
output voltage
IOUT = 3A; VCSD = 0V
5
V
VSENSEH
(2)
Analog sense
output voltage in
fault condition
VCC = 13V; RSENSE = 3.9KΩ
8
ISENSEH
(2)
Analog sense
output current in
fault condition
VCC = 13V; VSENSE = 5V
9
mA
tDSENSE1H
Delay response
time from falling
edge of CS_DIS pin
VSENSE < 4V; 0.5 < IOUT < 10A;
ISENSE = 90% of ISENSE max
(see Figure 4)
40
100
µs
tDSENSE1L
Delay response
time from rising
edge of CS_DIS pin
VSENSE < 4V; 0.5 < IOUT < 10A;
ISENSE = 10% of ISENSE max
(see Figure 4)
520
tDSENSE2H
Delay response
time from rising
edge of INPUT pin
VSENSE < 4V,
0.5 < IOUT < 10A;
ISENSE = 90% of ISENSE max
(see Figure 4)
80
300
ΔtDSENSE2H
Delay response
time between rising
edge of output
current and rising
edge of current
sense
VSENSE < 4V;
ISENSE = 90% of ISENSEMAX;
IOUT = 90% of IOUTMAX;
IOUTMAX = 3A (see Figure 7)
110
tDSENSE2L
Delay response
time from falling
edge of INPUT pin
VSENSE < 4V, 0.5 < IOUT < 10A;
ISENSE = 10% of ISENSE max
(see Figure 4)
80
250
1.
Parameter guaranteed by design, it is not tested.
2.
Fault condition includes: power limitation and overtemperature.
Table 9. Current sense (8 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit


Similar Part No. - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
Single channel high side driver with analog current sense for automotive applications
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com