Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025MJ-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # VN5E025MJ-E
Description  Single channel high side driver with analog current sense for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025MJ-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VN5E025MJ-E Datasheet HTML 12Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 13Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 14Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 15Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 16Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 17Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 18Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 19Page - STMicroelectronics VN5E025MJ-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Electrical specifications
VN5E025MJ-E
16/35
DocID16373 Rev 2
Table 11. Electrical transient requirements (part 1/3)
ISO 7637-2:
2004(E)
Test pulse
Test levels(1)
1.
The above test levels must be considered referred to VCC = 13.5V except for pulse 5b.
Number of
pulses or
test times
Burst cycle/pulse
repetition time
Delays and
Impedance
III
IV
Min.
Max.
1
-75V
-100V
5000 pulses
0.5s
5s
2 ms, 10
Ω
2a
+37V
+50V
5000 pulses
0.2s
5s
50µs, 2
Ω
3a
-100V
-150V
1h
90ms
100ms
0.1µs, 50
Ω
3b
+75V
+100V
1h
90ms
100ms
0.1µs, 50
Ω
4
-6V
-7V
1 pulse
100ms, 0.01
Ω
5b(2)
2.
Valid in case of external load dump clamp: 40V maximum referred to ground.
+65V
+87V
1 pulse
400ms, 2
Ω
Table 12. Electrical transient requirements (part 2/3)
ISO 7637-2:
2004E
Test pulse
Test level results
III
VI
1C
C
2a
C
C
3a
C
C
3b
C
C
4C
C
5b(1)
1.
Valid in case of external load dump clamp: 40V maximum referred to ground.
CC
Table 13. Electrical transient requirements (part 3/3)
Class
Contents
C
All functions of the device performed as designed after exposure to disturbance.
E
One or more functions of the device did not perform as designed after exposure to
disturbance and cannot be returned to proper operation without replacing the device.


Similar Part No. - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VN5E025MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E050ASO-E STMICROELECTRONICS-VN5E050ASO-E Datasheet
719Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
Single channel high side driver with analog current sense for automotive applications
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E010MHTR-E STMICROELECTRONICS-VN5E010MHTR-E Datasheet
802Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
VN5012SAKTR-E STMICROELECTRONICS-VN5012SAKTR-E Datasheet
345Kb / 30P
Single channel high side driver with analog current sense for automotive applications
VN5E050AJ-E STMICROELECTRONICS-VN5E050AJ-E Datasheet
746Kb / 37P
Single channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com