Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E008ASP-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5E008ASP-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E008ASP-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5E008ASP-E Datasheet HTML 6Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 7Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 8Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 9Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 10Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 11Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 12Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 13Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical specifications
VND5E008ASP-E
10/33
DocID023813 Rev 4
Table 7. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN = 0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN = 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN = 1 mA
5.5
7
V
IIN = -1 mA
-0.7
V
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS current
VCSD = 0.9 V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
ICSDH
High level CS_DIS current
VCSD = 2.1 V
10
µA
VCSD(hyst) CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD = 1 mA
5.5
7
V
ICSD = -1 mA
-0.7
V
Table 8. Protections and diagnostics(1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit current
VCC = 13 V
60
85
120
A
5 V < VCC < 22 V
120
A
IlimL
Short circuit current
during thermal cycling
VCC = 13 V; TR < Tj < TTSD
21
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS +
1
TRS +
5
°C
TRS
Thermal reset of status
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT = 2 A; VIN = 0; L = 6 mH
VCC-
28
VCC-
31
VCC-
35
V
VON
Output voltage drop
limitation
IOUT =0.6 A;
Tj = -40 °C to 150 °C
(see Figure 8)
25
mV


Similar Part No. - VND5E008ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E008AY-E STMICROELECTRONICS-VND5E008AY-E Datasheet
971Kb / 39P
Double channel high-side driver with analog current sense
More results

Similar Description - VND5E008ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com