Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E008ASP-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND5E008ASP-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E008ASP-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E008ASP-E Datasheet HTML 7Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 8Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 9Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 10Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 11Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 12Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 13Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 14Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID023813 Rev 4
11/33
VND5E008ASP-E
Electrical specifications
32
Table 9. Current sense (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K0
IOUT/ISENSE
IOUT = 0.5 A; VSENSE = 0.5 V;
Tj = -40 °C to 150 °C
3550
6230
9350
K1
IOUT/ISENSE
IOUT = 1.2 A; VSENSE = 0.5 V;
Tj = -40 °C to 150 °C
3825
5820
8315
dK1/K1
(1)
Current sense ratio
drift
IOUT = 1.2 A; VSENSE = 0.5 V;
VCSD = 0 V;
Tj = -40 °C to 150 °C
-15
15
%
K2
IOUT/ISENSE
IOUT = 6 A; VSENSE = 4 V;
Tj = -40 °C to 150 °C
3300
4610
5900
dK2/K2
(1)
Current sense ratio
drift
IOUT = 6 A; VSENSE = 4 V;
VCSD = 0 V;
Tj = -40 °C to 150 °C
-13
13
%
K3
IOUT/ISENSE
IOUT = 18 A; VSENSE = 4 V;
Tj = -40 °C to 150 °C
4000
4510
5000
dK3/K3
(1)
Current sense ratio
drift
IOUT = 18 A; VSENSE = 4 V;
VCSD = 0 V;
Tj = -40 °C to 150 °C
-7
7
%
ISENSE0
Analog sense
leakage current
IOUT = 0 A; VSENSE = 0 V;
VCSD = 5 V; VIN = 0 V;
Tj = -40 °C to 150 °C
01
µA
VCSD = 0 V; VIN = 5 V;
Tj = -40 °C to 150 °C
02
µA
IOUT = 6 A; VSENSE = 0 V;
VCSD = VIN = 5 V
01
µA
VSENSE
Max analog sense
output voltage
IOUT = 18 A; VCSD = 0 V
5
V
VSENSEH
(2)
Analog sense output
voltage in fault
conditions
VCC = 13 V; RSENSE = 10 KΩ
8V
ISENSEH
(2)
Analog sense output
current in fault
conditions
VCC = 13 V; VSENSE = 5 V
7
mA
tDSENSE1H
Delay response time
from falling edge of
CS_DIS pin
VSENSE < 4 V;
1.2 A < IOUT < 18 A;
ISENSE = 90 % of ISENSE max
(see Figure 4)
50
100
µs
tDSENSE1L
Delay response time
from rising edge of
CS_DIS pin
VSENSE < 4 V;
1.2 A < IOUT < 18 A;
ISENSE = 10 % of ISENSE max
(see Figure 4)
520
µs
tDSENSE2H
Delay response time
from rising edge of
INPUT pin
VSENSE < 4 V;
1.2 A < IOUT < 18 A;
ISENSE = 90 % of ISENSE max
(see Figure 4)
150
300
µs


Similar Part No. - VND5E008ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E008AY-E STMICROELECTRONICS-VND5E008AY-E Datasheet
971Kb / 39P
Double channel high-side driver with analog current sense
More results

Similar Description - VND5E008ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com