Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E008ASP-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VND5E008ASP-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E008ASP-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VND5E008ASP-E Datasheet HTML 8Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 9Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 10Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 11Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 12Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 13Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 14Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 15Page - STMicroelectronics VND5E008ASP-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical specifications
VND5E008ASP-E
12/33
DocID023813 Rev 4
Figure 4. Current sense delay characteristics
ΔtDSENSE2H
Delay response time
between rising edge
of output current and
rising edge of current
sense
VSENSE < 4V;
ISENSE = 90 % of ISENSE max;
IOUT = 90 % of IOUTMAX;
IOUTMAX = 6 A (see Figure 7)
300
µs
tDSENSE2L
Delay response time
from falling edge of
INPUT pin
VSENSE < 4 V;
1.2 A < IOUT < 18 A;
ISENSE = 10 % of ISENSE max;
(see Figure 4)
520
µs
1.
Parameter guaranteed by design; it is not tested.
2.
Fault conditions includes: power limitation, overtemperature and open-load off-state detection.
Table 10. Open-load detection (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOL
Open-load off-state
voltage detection
threshold
VIN = 0 V; 8 V < VCC < 18 V
2
4
V
IOL
Open-load on-state
current detection
threshold
VIN = 5 V; 8 V < VCC < 18 V;
ISENSE = 5 µA
10
100
mA
tDSTKON
Output short circuit to
VCC detection delay at
turn off
See Figure 5
180
1200
µs
IL(off2)
Off-state output current
at VOUT = 4 V
VIN = 0 V; VSENSE = 0 V;
VOUT rising from 0 V to 4 V
-120
0
µA
td_vol
Delay response from
output rising edge to
VSENSE rising edge in
open-load
VIN = 0 V; VOUT = 4 V;
VSENSE = 90 % of VSENSEH
—20
µs
Table 9. Current sense (8 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VND5E008ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E008AY-E STMICROELECTRONICS-VND5E008AY-E Datasheet
971Kb / 39P
Double channel high-side driver with analog current sense
More results

Similar Description - VND5E008ASP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com