Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050ACKTR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5E050ACKTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050ACKTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5E050ACKTR-E Datasheet HTML 6Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 7Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Electrical specifications
VND5E050ACJ-E, VND5E050ACK-E
10/43
Doc ID 022515 Rev 2
IS
Supply current
Off-state; VCC =13V; Tj =25°C;
VIN =VOUT =VSENSE =VCSD =0V
2(2)
5(2)
µA
On-state; VCC =13 V; VIN =5V;
IOUT =0 A
36
mA
IL(off1)
Off-state output current
(1)
VIN =VOUT = 0 V; VCC =13 V;
Tj =25°C
00.01
3
µA
VIN =VOUT =0 V; VCC =13V;
Tj = 125°C
05
VF
Output - VCC diode
voltage(1)
-IOUT = 4 A; Tj = 150°C
0.7
V
1.
For each channel.
2.
PowerMOS leakage included.
Table 6.
Switching (VCC = 13V; Tj = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL =6.5Ω (see Figure 6)—
20
µs
td(off)
Turn-off delay time
RL =6.5Ω (see Figure 6)—
45
µs
dVOUT/dt(on)
Turn-on voltage slope RL =6.5Ω
See
Figure 26
—V
/µs
dVOUT/dt(off)
Turn-off voltage slope
RL =6.5Ω
See
Figure 28
—V
/µs
WON
Switching energy
losses during twon
RL =6.5Ω (see Figure 6)
0.15
mJ
WOFF
Switching energy
losses during twoff
RL =6.5Ω (see Figure 6)—
0.3
mJ
Table 7.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN =0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN =2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN =1 mA
5.5
7
V
IIN =-1 mA
-0.7
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS current
VCSD =0.9 V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
Table 5.
Power section (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit


Similar Part No. - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJTR-E STMICROELECTRONICS-VND5E050AJTR-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AKTR-E STMICROELECTRONICS-VND5E050AKTR-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com