Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050ACKTR-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VND5E050ACKTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050ACKTR-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VND5E050ACKTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 14Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 15Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Electrical specifications
VND5E050ACJ-E, VND5E050ACK-E
12/43
Doc ID 022515 Rev 2
K3
IOUT/ISENSE
IOUT = 4 A; VSENSE =4 V; VCSD =0 V;
Tj = -40°C...150°C
Tj = 25°C...150°C
1969
1950
1990
1990
2210
2153
dK3/K3
(1)
Current sense ratio
drift
IOUT = 4 A; VSENSE =4 V; VCSD =0 V;
TJ = -40 °C to 150 °C
-6
6
%
ISENSE0
Analog sense
leakage current
IOUT = 0 A; VSENSE =0V; VCSD =5 V;
VIN =0 V; Tj = -40°C...150°C
01
µA
IOUT = 0 A; VSENSE =0V; VCSD =0 V;
VIN =5 V; Tj = -40°C...150°C
02
IOUT = 2 A; VSENSE =0V; VCSD =5 V;
VIN =5 V; Tj = -40°C...150°C
01
IOL
Open load on-state
current detection
threshold
VIN =5 V; 8 V <VCC <18V;
ISENSE =5 µA
420
mA
VSENSE
Max analog sense
output voltage
IOUT = 4 A; VCSD =0 V
5
V
VSENSEH
Analog sense
output voltage in
fault condition(2)
VCC =13V; RSENSE =3.9 KΩ
8V
ISENSEH
Analog sense
output current in
fault condition(2)
VCC =13V; VSENSE =5 V
9
mA
tDSENSE1H
Delay response
time from falling
edge of CS_DIS
pin
VSENSE <4 V; 0.5 A < IOUT < 4 A;
ISENSE =90% of ISENSEMAX
(see Figure 4)
40
100
µs
tDSENSE1L
Delay response
time from rising
edge of CS_DIS
pin
VSENSE <4 V; 0.5 A < IOUT < 4 A;
ISENSE =10% of ISENSEMAX
(see Figure 4)
520
µs
tDSENSE2H
Delay response
time from rising
edge of INPUT pin
VSENSE <4 V; 0.5 A < IOUT < 4 A;
ISENSE =90% of ISENSEMAX
(see Figure 4)
80
250
µs
ΔtDSENSE2H
Delay response
time between rising
edge of output
current and rising
edge of current
sense
VSENSE <4V;
ISENSE = 90% of ISENSEMAX,
IOUT = 90% of IOUTMAX
IOUTMAX = 2A (see Figure 7)
40
µs
tDSENSE2L
Delay response
time from falling
edge of INPUT pin
VSENSE <4 V; 0.5 A < IOUT < 4 A;
ISENSE=10% of ISENSEMAX
(see Figure 4)
80
250
µs
1.
Parameter guaranteed by design; it is not tested.
2.
Fault condition includes: power limitation, over temperature and open load off-state detection.
Table 9.
Current sense (8 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJTR-E STMICROELECTRONICS-VND5E050AJTR-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AKTR-E STMICROELECTRONICS-VND5E050AKTR-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com