Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050ACKTR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND5E050ACKTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050ACKTR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND5E050ACKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 14Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 15Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 16Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
VND5E050ACJ-E, VND5E050ACK-E
Electrical specifications
Doc ID 022515 Rev 2
13/43
Figure 4.
Current sense delay characteristics
Figure 5.
Open load off-state delay timing
Table 10.
Open load detection (8V<VCC<18V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VOL
Open load off-state
voltage detection
threshold
VIN =0 V
2
See
Figure 5
4V
tDSTKON
Output short circuit to
VCC detection delay at
turn-off
See Figure 5
180
1200
µs
IL(off2)r
Off-state output current
at VOUT =4V
VIN =0 V; VSENSE =0 V;
VOUT rising from 0 V to 4 V
-120
0
µA
IL(off2)f
Off-state output current
at VOUT =2V
VIN =0 V; VSENSE =VSENSEH
VOUT falling from VCC to 2 V
-50
90
µA
td_vol
Delay response from
output rising edge to
VSENSE rising edge in
open load
VOUT =4 V; VIN =0 V;
VSENSE = 90% of VSENSEH
20
µs
SENSE CURRENT
INPUT
LOAD CURRENT
CS_DIS
tDSENSE2H
tDSENSE2L
tDSENSE1L
tDSENSE1H
VIN
VCS
tDSTKON
OUTPUT STUCK TO VCC
VOUT > VOL
VSENSEH


Similar Part No. - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJTR-E STMICROELECTRONICS-VND5E050AJTR-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AKTR-E STMICROELECTRONICS-VND5E050AKTR-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com