Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050ACKTR-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # VND5E050ACKTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050ACKTR-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VND5E050ACKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 14Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 15Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 16Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 17Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 18Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 19Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Electrical specifications
VND5E050ACJ-E, VND5E050ACK-E
16/43
Doc ID 022515 Rev 2
Figure 10.
Maximum current sense ratio drift vs load current
Note:
Parameter guaranteed by design; it is not tested.
-20
-15
-10
-5
0
5
10
15
20
12
34
IOUT (A)
dk/k(%)
Table 11.
Truth table
Conditions
Input
Output
Sense (VCSD =0 V)
(1)
1.
If the VCSD is high, the SENSE output is at high impedance; its potential depends on leakage currents and
external circuits.
Normal operation
L
H
L
H
0
Nominal
Overtemperature
L
H
L
L
0
VSENSEH
Undervoltage
L
H
L
L
0
0
Overload
H
H
X
(no power limitation)
Cycling
(power limitation)
Nominal
VSENSEH
Short circuit to GND
(power limitation)
L
H
L
L
0
VSENSEH
Open load off-state (with
external pull-up)
LH
VSENSEH
Short circuit to VCC
(external pull-up
disconnected)
L
H
H
H
VSENSEH
< Nominal
Negative output voltage
clamp
LL0


Similar Part No. - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
571Kb / 44P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 5
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E_V01 Datasheet
571Kb / 44P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 5
VND5E050AJTR-E STMICROELECTRONICS-VND5E050AJTR-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com