Electronic Components Datasheet Search |
|
VND5E050ACKTR-E Datasheet(PDF) 24 Page - STMicroelectronics |
|
VND5E050ACKTR-E Datasheet(HTML) 24 Page - STMicroelectronics |
24 / 43 page Application information VND5E050ACJ-E, VND5E050ACK-E 24/43 Doc ID 022515 Rev 2 3 Application information Figure 32. Application schematic Note: Channel 2 has the same internal circuit as channel 1. 3.1 GND protection network against reverse battery This section provides two solutions for implementing a ground protection network against reverse battery. 3.1.1 Solution 1: resistor in the ground line (RGND only) This can be used with any type of load. The following is an indication on how to resize the RGND resistor. 1. RGND ≤ 600 mV / (IS(on)max) 2. RGND ≥ (−VCC) / (-IGND) where -IGND is the DC reverse ground pin current and can be found in the absolute maximum rating section of the device datasheet. Power dissipation in RGND (when VCC < 0: during reverse battery situations) is: PD = (-VCC) 2/R GND This resistor can be shared amongst several different HSDs. Please note that the value of this resistor should be calculated with formula (1) where IS(on)max becomes the sum of the maximum on-state currents of the different devices. Please note that if the microprocessor ground is not shared by the device ground then the RGND produces a shift (IS(on)max * RGND) in the input thresholds and the status output values. This shift varies depending on how many devices are on in case of several high side drivers sharing the same RGND. VCC GND OUTPUT DGND RGND Dld ΜCU +5V VGND CS_DIS INPUT Rprot Rprot CURRENT SENSE RSENSE Rprot CEXT |
Similar Part No. - VND5E050ACKTR-E |
|
Similar Description - VND5E050ACKTR-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |