Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050ACKTR-E Datasheet(PDF) 27 Page - STMicroelectronics

Part # VND5E050ACKTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050ACKTR-E Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VND5E050ACKTR-E Datasheet HTML 23Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 24Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 25Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 26Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 27Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 28Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 29Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 30Page - STMicroelectronics VND5E050ACKTR-E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
VND5E050ACJ-E, VND5E050ACK-E
Application information
Doc ID 022515 Rev 2
27/43
It is preferable that VPU is switched off during the module standby mode to avoid an increase
in overall standby current consumption in normal conditions, that is, when the load is
connected.
An external pull-down resistor (RPD) connected between output and GND is mandatory to
avoid misdetection in case of floating outputs in off-state (see Figure 33: Current sense and
diagnostic).
RPD must be selected in order to ensure VOUT < VOLmin unless pulled up by the external
circuitry:
RPD ≤ 22 KΩ is recommended.
For proper open load detection in off-state, the external pull-up resistor must be selected
according to the following formula:
For the values of VOLmin,VOLmax, IL(off2)r and IL(off2)f see Table 10: Open load detection
(8V<VCC<18V).
V
V
I
R
V
OL
f
off
L
PD
OFF
up
Pull
OUT
2
min
)
2
(
_
=
<
=
V
V
R
R
I
R
R
V
R
V
OL
PD
PU
r
off
L
PD
PU
PU
PD
ON
up
Pull
OUT
4
max
)
2
(
_
=
>
+
=


Similar Part No. - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
571Kb / 44P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 5
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E_V01 Datasheet
571Kb / 44P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 5
VND5E050AJTR-E STMICROELECTRONICS-VND5E050AJTR-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E050AK-E STMICROELECTRONICS-VND5E050AK-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
More results

Similar Description - VND5E050ACKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com