Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050MCKTR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5E050MCKTR-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050MCKTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5E050MCKTR-E Datasheet HTML 6Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 7Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Electrical specifications
VND5E050MCJ-E, VND5E050MCK-E
10/40
Doc ID 022514 Rev 2
WON
Switching energy
losses during twon
RL = 6.5 
(see Figure 5)
—0.15—
mJ
WOFF
Switching energy
losses during twoff
RL = 6.5 
(see Figure 5)
—0.3
mJ
Table 7.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low-level input voltage
0.9
V
IIL
Low-level input current
VIN = 0.9 V
1
µA
VIH
High-level input voltage
2.1
V
IIH
High-level input current
VIN = 2.1 V
10
µA
VI(hyst)
Hysteresis input voltage
0.25
V
VICL
Input voltage clamp
IIN = 1 mA
5.5
7
V
IIN = -1 mA
-0.7
VCSDL
Low-level CS_DIS
voltage
0.9
V
ICSDL
Low-level CS_DIS
current
VCSD = 0.9 V
1
µA
VCSDH
High-level CS_DIS
voltage
2.1
V
ICSDH
High-level CS_DIS
current
VCSD = 2.1 V
10
µA
VCSD(hyst)
CS_DIS hysteresis
voltage
0.25
V
VCSCL
CS_DIS voltage clamps
ICSD = 1 mA
5.5
7
V
ICSD = -1 mA
-0.7
Table 8.
Protections and diagnostics (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit current
VCC = 13 V
19
27
38
A
5 V < VCC < 28 V
38
A
IlimL
Short circuit current
during thermal cycling
VCC = 13 V,
TR < Tj < TTSD
7A
TTSD
(2)
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1
TRS + 5
°C
TRS
Thermal reset of status
135
°C
THYST
Thermal hysteresis
(TTSD - TR)
7°C
Table 6.
Switching (VCC =13 V, Tj = 25 °C) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VND5E050MCKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050MJ-E STMICROELECTRONICS-VND5E050MJ-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MJTR-E STMICROELECTRONICS-VND5E050MJTR-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MK-E STMICROELECTRONICS-VND5E050MK-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MKTR-E STMICROELECTRONICS-VND5E050MKTR-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results

Similar Description - VND5E050MCKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com