Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050MCKTR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND5E050MCKTR-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050MCKTR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E050MCKTR-E Datasheet HTML 7Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 14Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
VND5E050MCJ-E, VND5E050MCK-E
Electrical specifications
Doc ID 022514 Rev 2
11/40
VDEMAG
(2) Turn-off output voltage
clamp
IOUT = 2 A, VIN = 0,
L = 6 mH
VCC - 41 VCC - 46 VCC - 52
V
VON
Output voltage drop
limitation
IOUT = 0.1 A,
Tj = -40 °C to +150 °C
(see Figure 7)
25
mV
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
2.
Special characteristic according to ISO/TS 16949.
Table 9.
Current sense (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
K0
IOUT/ISENSE
IOUT = 0.05 A, VSENSE = 0.5 V,
VCSD = 0 V, Tj = -40 °C to 150 °C
1440 2250 3630
K1
IOUT/ISENSE
IOUT = 1 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
Tj= 25°C...150°C
1740
1750
2070
2070
2820
2562
dK1/K1
(1)
Current sense ratio
drift
IOUT = 1 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
-15
15
%
K2
IOUT/ISENSE
IOUT = 2 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
Tj = 25 °C to 150 °C
1900
1899
2000
2000
2395
2282
dK2/K2
(1)
Current sense ratio
drift
IOUT = 2 A; VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
-9
9
%
K3
IOUT/ISENSE
IOUT = 4 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
Tj = 25 °C to 150 °C
1969
1950
1990
1990
2210
2153
dK3/K3
(1)
Current sense ratio
drift
IOUT = 4 A, VSENSE = 4 V, VCSD = 0 V,
Tj = -40 °C to 150 °C
-6
6
%
ISENSE0
(2)
Analog sense
leakage current
IOUT = 0 A, VSENSE = 0 V, VCSD = 5 V,
VIN = 0 V, Tj = -40 °C to 150 °C
01
µA
IOUT = 0 A, VSENSE = 0 V, VCSD = 0 V,
VIN = 5 V, Tj = -40 °C to 150 °C
02
IOUT = 2 A, VSENSE = 0 V, VCSD = 5 V,
VIN = 5 V, Tj = -40 °C to 150 °C
01
IOL
Open load on-state
current detection
threshold
VIN = 5 V, 8 V < VCC < 18 V
ISENSE = 5 µA
420
mA
VSENSE
Max analog sense
output voltage
IOUT = 4 A, VCSD = 0 V
5
V
Table 8.
Protections and diagnostics (1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VND5E050MCKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050MJ-E STMICROELECTRONICS-VND5E050MJ-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MJTR-E STMICROELECTRONICS-VND5E050MJTR-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MK-E STMICROELECTRONICS-VND5E050MK-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MKTR-E STMICROELECTRONICS-VND5E050MKTR-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results

Similar Description - VND5E050MCKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com