Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050MCKTR-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VND5E050MCKTR-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050MCKTR-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VND5E050MCKTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 14Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 15Page - STMicroelectronics VND5E050MCKTR-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Electrical specifications
VND5E050MCJ-E, VND5E050MCK-E
12/40
Doc ID 022514 Rev 2
Figure 4.
Current sense delay characteristics
VSENSEH
Analog sense output
voltage in fault
condition(3)
VCC = 13 V, RSENSE = 3.9 K
8V
ISENSEH
Analog sense output
current in fault
condition(3)
VCC = 13 V, VSENSE = 5 V
9
mA
tDSENSE1H
Delay response time
from falling edge of
CS_DIS pin
VSENSE < 4 V, 0.5 A < IOUT < 4 A
ISENSE = 90% of ISENSE max
(see Figure 4)
40
100
µs
tDSENSE1L
Delay response time
from rising edge of
CS_DIS pin
VSENSE < 4 V, 0.5 A < IOUT < 4 A
ISENSE = 10% of ISENSE max
(see Figure 4)
520
µs
tDSENSE2H
Delay response time
from rising edge of
INPUT pin
VSENSE < 4 V, 0.5 A < IOUT < 4 A
ISENSE = 90% of ISENSE max
(see Figure 4)
80
250
µs
t
DSENSE2H
Delay response time
between rising edge
of output current and
rising edge of current
sense
VSENSE <4 V,
ISENSE = 90% of ISENSEMAX,
IOUT = 90% of IOUTMAX
IOUTMAX = 2 A (see Figure 6)
40
µs
tDSENSE2L
Delay response time
from falling edge of
INPUT pin
VSENSE < 4 V, 0.5 A < IOUT < 4 A
ISENSE = 10% of ISENSE max
(see Figure 4)
80
250
µs
1.
Parameter guaranteed by design; it is not tested.
2.
Special characteristic according to ISO/TS 16949.
3.
Fault condition includes: power limitation and overtemperature.
Table 9.
Current sense (8 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
SENSE CURRENT
INPUT
LOAD CURRENT
CS_DIS
tDSENSE2H
tDSENSE2L
tDSENSE1L
tDSENSE1H


Similar Part No. - VND5E050MCKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050MJ-E STMICROELECTRONICS-VND5E050MJ-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MJTR-E STMICROELECTRONICS-VND5E050MJTR-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MK-E STMICROELECTRONICS-VND5E050MK-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050MKTR-E STMICROELECTRONICS-VND5E050MKTR-E Datasheet
906Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results

Similar Description - VND5E050MCKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com