Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 106 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 106 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 102Page - Cirrus Logic WM8912 Datasheet HTML 103Page - Cirrus Logic WM8912 Datasheet HTML 104Page - Cirrus Logic WM8912 Datasheet HTML 105Page - Cirrus Logic WM8912 Datasheet HTML 106Page - Cirrus Logic WM8912 Datasheet HTML 107Page - Cirrus Logic WM8912 Datasheet HTML 108Page - Cirrus Logic WM8912 Datasheet HTML 109Page - Cirrus Logic WM8912 Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
106
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
Analogue
OUT1 Left
8
HPOUTL_MUT
E
0
Left Headphone Output Mute
0 = Un-mute
1 = Mute
7
HPOUT_VU
0
Headphone Output Volume Update
Writing a 1 to this bit will update HPOUTL and
HPOUTR volumes simultaneously.
6
HPOUTLZC
0
Left Headphone Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
HPOUTL_VOL
[5:0]
10_1101
Left Headphone Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 39h Analogue OUT1 Left
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
Analogue
OUT1 Right
8
HPOUTR_MUT
E
0
Right Headphone Output Mute
0 = Un-mute
1 = Mute
7
HPOUT_VU
0
Headphone Output Volume Update
Writing a 1 to this bit will update HPOUTL and
HPOUTR volumes simultaneously.
6
HPOUTRZC
0
Right Headphone Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
HPOUTR_VOL
[5:0]
10_1101
Right Headphone Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 3Ah Analogue OUT1 Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com