Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2001 Datasheet(PDF) 4 Page - Motorola, Inc

Part # AN2001
Description  Designing Expansion Boards
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2001 Datasheet(HTML) 4 Page - Motorola, Inc

  AN2001 Datasheet HTML 1Page - Motorola, Inc AN2001 Datasheet HTML 2Page - Motorola, Inc AN2001 Datasheet HTML 3Page - Motorola, Inc AN2001 Datasheet HTML 4Page - Motorola, Inc AN2001 Datasheet HTML 5Page - Motorola, Inc AN2001 Datasheet HTML 6Page - Motorola, Inc AN2001 Datasheet HTML 7Page - Motorola, Inc AN2001 Datasheet HTML 8Page - Motorola, Inc AN2001 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Designing Expansion Boards for the Motorola MPC555EVB/ETAS ES2000
MOTOROLA
Rev. 1, 31 July 2001
4
3.1 CCE Board Dimensions
Figure 2 and Table 4 show the maximum board dimensions for boards that attach the EVB555 CCE
connector.
NOTE
Boards can extend off of the EVB for connectors. It is recommended that mounting
hardware be supplied to attach the CCE board to the EVB.
Figure 2 CCE Board Size
Table 3 Customized Communication Expansion Connector
A (CO104)
B (CO105)
PIN NAME
PIN NAME
PIN NAME
PIN NAME
VCC3_3
1
••
2
VCC3_3
VCC3_3
1
••
2VCC3_3
VCC5
3
••
4
VCC5
VCC5
3
••
4
VSTBY3_3
N/C
5
••
6CLKOUT
N/C
5
••
6N/C
B_CNTX0
7
••
8
B_CNRX0
TXD_CCE
7
••
8
RXD_CCE
TP100
9
••
10
TP101
ECK
9
••
10
TP104
GND
11
••
12
GND
GND
11
••
12
GND
A_CNTX0
13
••
14
A_CNRX0
TP105
13
••
14
TP106
TP102
15
••
16
TP103
TXD2
15
••
16
RXD2
SRESET
17
••
18
PORESET
TP107
17
••
18
TP118
GND
19
••
20
GND
GND
19
••
20
GND
Customized
Communication
Expansion
M
PP
N
A
B
U
R
Z (optional)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN2001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
logo
List of Unclassifed Man...
AN2000-521P ETC1-AN2000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
STMicroelectronics
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
Using the Demoboard for the TD350 Advanced IGBT Driver
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
logo
Extech Instruments Corp...
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
More results

Similar Description - AN2001

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK600-RC54 ATMEL-ATSTK600-RC54 Datasheet
240Kb / 19P
AVR600: STK600 Expansion, routing and socket boards
ATSTK600-RC17 ATMEL-ATSTK600-RC17 Datasheet
240Kb / 19P
AVR600: STK600 Expansion, routing and socket boards
logo
STMicroelectronics
STM32F4DIS-EXT STMICROELECTRONICS-STM32F4DIS-EXT Datasheet
186Kb / 3P
STM32F4 Discovery kit expansion boards
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
Designing Industrial Applications with
UM1045 STMICROELECTRONICS-UM1045 Datasheet
829Kb / 36P
This document applies to revision 2 EVALSPEAR320HMI expansion boards
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
Designing BLE Applications
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
Considerations in Designing
logo
STMicroelectronics
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
SPI display expansion boards for STM32 Nucleo-64
logo
Advantech Co., Ltd.
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
UIO40-Express I/O Expansion Boards
28-Jan-2021
UIO40 ADVANTECH-UIO40_V01 Datasheet
815Kb / 2P
UIO40-Express I/O Expansion Boards
20-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com