Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2001 Datasheet(PDF) 5 Page - Motorola, Inc

Part # AN2001
Description  Designing Expansion Boards
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2001 Datasheet(HTML) 5 Page - Motorola, Inc

  AN2001 Datasheet HTML 1Page - Motorola, Inc AN2001 Datasheet HTML 2Page - Motorola, Inc AN2001 Datasheet HTML 3Page - Motorola, Inc AN2001 Datasheet HTML 4Page - Motorola, Inc AN2001 Datasheet HTML 5Page - Motorola, Inc AN2001 Datasheet HTML 6Page - Motorola, Inc AN2001 Datasheet HTML 7Page - Motorola, Inc AN2001 Datasheet HTML 8Page - Motorola, Inc AN2001 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Designing Expansion Boards for the Motorola MPC555EVB/ETAS ES2000
MOTOROLA
Rev. 1, 31 July 2001
5
4 The MAPI-400+100 Connectors
The MAPI-400+100 is an extension of the Motorola MAPI-400 interface that is used on the Motorola
M•Core products. An additional 100 pin connector was added to support the additional general purpose
Input/Output pins from the Port Replacement Unit of the EVB555.
NOTE
Boards designed to interface to M•Core MAPI-400 boards may not work with the
EVB555.
Use of the MAPI-400 signals on the EVB555 is described in the ETAS EVB555 Quick Reference
Guide.
Table 4 CCE Board Dimensions
Dimension
Millimeters
Inches
M
44.45
1.750
N
32.385
1.275
U
6.35
0.25
P6.35
0.250
R
22.23
0.875
Z12.7
0.50
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN2001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
   CFM/CMM Thermo Anemometer InfraRed Thermometer
logo
List of Unclassifed Man...
AN2000-521P ETC1-AN2000-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
STMicroelectronics
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
   Using the Demoboard for the TD350 Advanced IGBT Driver
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
   PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
logo
Extech Instruments Corp...
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
   CFM/CMM Thermo-Anemometer IR Thermometer
More results

Similar Description - AN2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F4DIS-EXT STMICROELECTRONICS-STM32F4DIS-EXT Datasheet
186Kb / 3P
   STM32F4 Discovery kit expansion boards
logo
Advantech Co., Ltd.
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
   UIO40-Express I/O Expansion Boards
28-Jan-2021
UIO40 ADVANTECH-UIO40_V01 Datasheet
815Kb / 2P
   UIO40-Express I/O Expansion Boards
20-Jun-2022
logo
ATMEL Corporation
ATSTK600-RC17 ATMEL-ATSTK600-RC17 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
ATSTK600-RC54 ATMEL-ATSTK600-RC54 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
logo
STMicroelectronics
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
   SPI display expansion boards for STM32 Nucleo-64
UM1045 STMICROELECTRONICS-UM1045 Datasheet
829Kb / 36P
   This document applies to revision 2 EVALSPEAR320HMI expansion boards
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
   Designing BLE Applications
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com