Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2001 Datasheet(PDF) 1 Page - Motorola, Inc

Part # AN2001
Description  Designing Expansion Boards
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2001 Datasheet(HTML) 1 Page - Motorola, Inc

  AN2001 Datasheet HTML 1Page - Motorola, Inc AN2001 Datasheet HTML 2Page - Motorola, Inc AN2001 Datasheet HTML 3Page - Motorola, Inc AN2001 Datasheet HTML 4Page - Motorola, Inc AN2001 Datasheet HTML 5Page - Motorola, Inc AN2001 Datasheet HTML 6Page - Motorola, Inc AN2001 Datasheet HTML 7Page - Motorola, Inc AN2001 Datasheet HTML 8Page - Motorola, Inc AN2001 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© MOTOROLA INC., 2001
MOTOROLA
SEMICONDUCTOR
APPLICATION NOTE
Order this document by:
AN2001/D
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Designing Expansion Boards for the
Motorola MPC555EVB/ETAS ES200
by Randy Dees
Rev. 1, 31 July 2001
1 Introduction
The Motorola MPC555EVB/ETAS ES200 evaluation board was designed with multiple interfaces to al-
low flexibility for expansion. There are three sets of connectors for expansion. The MAPI-400+100 is on
the bottom side of the board and has access to all signals required to interface to a user application
board. The host communication expansion (HCE) connectors allow access to the bus of the MPC555.
The customized communication expansion (CCE) allows access to some of the MPC555 on-chip com-
munication ports. The HCE and the CCE are on the top side of the EVB555.
2 The Host Communication Expansion Connector (HCE)
The host communication expansion connectors on the EVB555 are designed for use as an expansion
of the external bus of the MPC555. They could be used to add additional memory or additional periph-
erals. There are two 60-pin connectors (CO106 – A and CO107 – B) part number Samtec TFM-130-12-
S-D-P. The matching connector required on the expansion board is SFM-130-02-S-D-P. The pin-out of
the HCE is shown in Table 1
. The two connectors are mounted on 1.8 inch (45.72 mm) centers. This
allows for a board of approximately three square inches.
NOTE
An ETAS ETK interface may be mounted above the HCE board. The total height
(including the connectors on the EVB555 and all components on the HCE board)
must be below 0.6875 inches to allow clearance of the ETK board.
2.1 Memory Chips On The HCE
All 32 bits of the MPC555 data bus are available on the HCE connectors. Memory boards designed for
these connectors should use all 32 bits for the best performance. On a full-featured board, utilizing
memories less than 32 bits wide, the memory can be implemented with multiple chips. For 16-bit wide
memories, two chips should be used. Provisions should be made on the expansion board to allow the
second memory to be disabled to allow for smaller bus widths on the EVB555. 16-bit only memories
should be connected to D0-D15 of the data bus. CS[2] is available for use on the HCE board. If non-
volatile memories are used, CS[0] could also be used to allow for booting from the external memory. (It
is not possible to boot from the Texas Instruments TMS28F033 on the EVB555.) If CS[0] is used, the
TMS28F033 can be disabled by using the SGF_SEL signal on pin 160 of the ETK connector (CO508).
A logic high (default) enables the EVB555 on-board external flash memory. In addition, CSHCE could
be used if the chip timing is the same as used by the memory on the EVB555 and can fit in a 1-Mbyte
memory size.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN2001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
   CFM/CMM Thermo Anemometer InfraRed Thermometer
logo
List of Unclassifed Man...
AN2000-521P ETC1-AN2000-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
STMicroelectronics
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
   Using the Demoboard for the TD350 Advanced IGBT Driver
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
   PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
logo
Extech Instruments Corp...
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
   CFM/CMM Thermo-Anemometer IR Thermometer
More results

Similar Description - AN2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F4DIS-EXT STMICROELECTRONICS-STM32F4DIS-EXT Datasheet
186Kb / 3P
   STM32F4 Discovery kit expansion boards
logo
Advantech Co., Ltd.
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
   UIO40-Express I/O Expansion Boards
28-Jan-2021
UIO40 ADVANTECH-UIO40_V01 Datasheet
815Kb / 2P
   UIO40-Express I/O Expansion Boards
20-Jun-2022
logo
ATMEL Corporation
ATSTK600-RC17 ATMEL-ATSTK600-RC17 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
ATSTK600-RC54 ATMEL-ATSTK600-RC54 Datasheet
240Kb / 19P
   AVR600: STK600 Expansion, routing and socket boards
logo
STMicroelectronics
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
   SPI display expansion boards for STM32 Nucleo-64
UM1045 STMICROELECTRONICS-UM1045 Datasheet
829Kb / 36P
   This document applies to revision 2 EVALSPEAR320HMI expansion boards
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
   Designing BLE Applications
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com