Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR76203-Q Datasheet(PDF) 14 Page - Exar Corporation

Part # XR76203-Q
Description  AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76203-Q Datasheet(HTML) 14 Page - Exar Corporation

Back Button XR76203-Q Datasheet HTML 10Page - Exar Corporation XR76203-Q Datasheet HTML 11Page - Exar Corporation XR76203-Q Datasheet HTML 12Page - Exar Corporation XR76203-Q Datasheet HTML 13Page - Exar Corporation XR76203-Q Datasheet HTML 14Page - Exar Corporation XR76203-Q Datasheet HTML 15Page - Exar Corporation XR76203-Q Datasheet HTML 16Page - Exar Corporation XR76203-Q Datasheet HTML 17Page - Exar Corporation XR76203-Q Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
XR76203-Q/XR76205-Q/XR76208-Q
14 / 20
exar.com/XR76203-Q/XR705-Q/XR76208-Q
Rev 1C
©2016-2017 Exar Corporation
Programming the On-Time
The On-Time TON is programmed via resistor RON accord-
ing to following equation:
where TON is calculated from:
where:
f is the desired switching frequency at nominal IOUT
Eff is the Regulator efficiency corresponding to nominal
IOUT shown in figures 19-24
Substituting for TON in the first equation we get:
Over-Current Protection (OCP)
If load current exceeds the programmed over-current, IOCP,
for four consecutive switching cycles, the Module enters
hiccup mode of operation. In hiccup, the MOSFET gates
are turned off for 110ms (hiccup timeout). Following the hic-
cup timeout, a soft-start is attempted. If OCP persists, hic-
cup timeout will repeat. The Module will remain in hiccup
mode until load current is reduced below the programmed
IOCP . In order to program the over-current protection, use
the following equation:
Where:
RLIM is resistor value for programming IOCP
IOCP is the over-current threshold to be programmed
RDS is the MOSFET rated On Resistance; XR76208-
Q=21.5mΩ, XR76205-Q=59mΩ, XR76203-Q=59mΩ
8mV is the OCP comparator maximum offset
ILIM is the internal current that generates the necessary
OCP comparator threshold (use 45μA).
Note that ILIM has a positive temperature coefficient of
0.4%/°C (figure 10). This is meant to roughly match and
compensate for positive temperature coefficient of the syn-
chronous FET. Graph of typical IOCP versus RLIM is shown
in figure 7-9. Maximum allowable RLIM for XR76205-Q is
8.06kΩ.
Short-Circuit Protection (SCP)
If the output voltage drops below 60% of its programmed
value, the Module will enter hiccup mode. Hiccup will per-
sist until short-circuit is removed. SCP circuit becomes
active after PGOOD asserts high.
Over-Temperature (OTP)
OTP triggers at a nominal die temperature of 150°C. The
gate of switching FET and synchronous FET are turned off.
When die temperature cools down to 135°C, soft-start is
initiated and operation resumes.
Programming the Output Voltage
Use an external voltage divider as shown in the Application
Circuit to program the output voltage VOUT.
where R2 has a nominal value of 2kΩ.
Programming the Soft-start
Place a capacitor CSS between the SS and AGND pins to
program the soft-start. In order to program a soft-start time
of TSS, calculate the required capacitance CSS from the
following equation:
R
ON
VIN
TON 25
9
10


3.05
10
10
------------------------------------------------------------
=
T
ON
VOUT
VIN fEff
-------------------------------
=
R
ON
VOUT
fEff
----------------


25
9
10
 V
IN

3.05
10
10
-------------------------------------------------------------------------
=
RLIM
IOCP RDS
 8mV
+
ILIM
----------------------------------------------------
=
R1
R2
VOUT
0.6
------------- 1


=
CSS
TSS
10
A
0.6V
--------------


=


Similar Part No. - XR76203-Q

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-F EXAR-XR76203EL-F Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELMTR-F EXAR-XR76203ELMTR-F Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELTR-F EXAR-XR76203ELTR-F Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76203EVB EXAR-XR76203EVB Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76203-Q

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
logo
Monolithic Power System...
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com