Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2053GS Datasheet(PDF) 340 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 340 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 336Page - Motorola, Inc MPXM2053GS Datasheet HTML 337Page - Motorola, Inc MPXM2053GS Datasheet HTML 338Page - Motorola, Inc MPXM2053GS Datasheet HTML 339Page - Motorola, Inc MPXM2053GS Datasheet HTML 340Page - Motorola, Inc MPXM2053GS Datasheet HTML 341Page - Motorola, Inc MPXM2053GS Datasheet HTML 342Page - Motorola, Inc MPXM2053GS Datasheet HTML 343Page - Motorola, Inc MPXM2053GS Datasheet HTML 344Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 670 page
background image
AN935
3–194
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 13. Linearity Error of Piece–Wise Linear Fit at FS
52.5
45
37.5
30
22.5
15
7.5
0.0
38.46
34.62
30.77
26.92
23.08
19.23
15.38
11.54
7.69
3.85
– 2.0
–1.6 –1.4 –1.2 –1.0 – 0.8 – 0.6 – 0.4 – 0.2 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
NO. OF UNITS
LINEARITY ERROR (% FS)
General Fit
P = 1 FS
Average Error = 0.13
Standard Deviation = 0.186
%
–1.8
Once the sensitivity coefficients have been determined, a
system can then be built that provides an accurate output
function with pressure. The system shown in Figure 14
consists
of
a
pressure
transducer,
a
temperature
compensation and amplification stage, an A/D converter, a
microprocessor, and a display. The display block can be
replaced with a control function if required. The A/D converter
simply transforms the voltage signal to an input signal for the
microprocessor, in which resides the look–up table of the
transfer function generated from the previously determined
sensitivity coefficients. The microprocessor can then drive a
display or control circuit using standard techniques.
SUMMARY
While at first glance this technique appears to be fairly
complicated, it can be a very cost effective method of building
a
high–accuracy,
high–sensitivity
pressure–monitoring
system for low–pressure ranges.
Figure 14. Linearization System Block Diagram
X–DUCER
TEMPERATURE
COMPENSATION
AND AMPLIFICATION
MICROCONTROLLER
MC68HC908QT4
DISPLAY
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com