Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2053GS Datasheet(PDF) 434 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 434 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 430Page - Motorola, Inc MPXM2053GS Datasheet HTML 431Page - Motorola, Inc MPXM2053GS Datasheet HTML 432Page - Motorola, Inc MPXM2053GS Datasheet HTML 433Page - Motorola, Inc MPXM2053GS Datasheet HTML 434Page - Motorola, Inc MPXM2053GS Datasheet HTML 435Page - Motorola, Inc MPXM2053GS Datasheet HTML 436Page - Motorola, Inc MPXM2053GS Datasheet HTML 437Page - Motorola, Inc MPXM2053GS Datasheet HTML 438Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 670 page
background image
3–288
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1326
Barometric Pressure Measurement Using
Semiconductor Pressure Sensors
Prepared by: Chris Winkler and Jeff Baum
Discrete Applications Engineering
ABSTRACT
The most recent advances in silicon micromachining
technology have given rise to a variety of low–cost pressure
sensor applications and solutions. Certain applications had
previously been hindered by the high–cost, large size, and
overall reliability limitations of electromechanical pressure
sensing devices. Furthermore, the integration of on–chip
temperature compensation and calibration has allowed a
significant improvement in the accuracy and temperature
stability of the sensor output signal. This technology allows for
the development of both analog and microcomputer–based
systems that can accurately resolve the small pressure
changes encountered in many applications. One particular
application of interest is the combination of a silicon pressure
sensor and a microcontroller interface in the design of a digital
barometer. The focus of the following documentation is to
present a low–cost, simple approach to designing a digital
barometer system.
Figure 1. Barometer System
DIGIT1
DIGIT2
DIGIT3
DIGIT4
MCU
SIGNAL CONDITIONING
PRESSURE
SENSOR
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com