Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2053GS Datasheet(PDF) 470 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 470 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 466Page - Motorola, Inc MPXM2053GS Datasheet HTML 467Page - Motorola, Inc MPXM2053GS Datasheet HTML 468Page - Motorola, Inc MPXM2053GS Datasheet HTML 469Page - Motorola, Inc MPXM2053GS Datasheet HTML 470Page - Motorola, Inc MPXM2053GS Datasheet HTML 471Page - Motorola, Inc MPXM2053GS Datasheet HTML 472Page - Motorola, Inc MPXM2053GS Datasheet HTML 473Page - Motorola, Inc MPXM2053GS Datasheet HTML 474Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 670 page
background image
AN1525
3–324
Motorola Sensor Device Data
www.motorola.com/semiconductors
• Since the third op–amp contributes a gain of two to the
overall system, design the gain that the two op–amp circuit
contributes to the system to be one–half the desired sys-
tem gain. The gain term for the two op–amp circuit is:
G =
R4
R3
+
2R4
RG
+ 1
which is the same as presented in Equation 16.
• Similarly, since the third op–amp also amplifies VREF by
two (refer to Equation 22), the resistor divider that creates
VREF should be designed to provide one–half the desired
positive dc voltage level shift needed for the final output.
When designing the voltage divider for VREF, use the same
design constraints as were given in the section on Applica-
tion to Pressure Sensor Circuits.
With the above simplification of R5 = R6, the negative dc
level shift, V–shift, which is also created by a voltage divider, is
now amplified by a factor of unity. When designing the voltage
divider, use the same design constraints as were presented in
the section on Application to Pressure Sensor Circuits.
CONCLUSION
The amplifier circuits discussed in this paper apply to
pressure sensor applications, but the amplifier circuits can be
interfaced to low–level, differential–voltage output sensors, in
general. All of the circuits exhibit the desired instrumentation
amplifier characteristics of high input impedance, low output
impedance,
high
gain
capability,
and
differential
to
single–ended conversion of the sensor signal. Each
amplifier circuit provides positive dc level shift capability, while
the last two circuit topologies presented are also able to
provide a negative dc voltage level shift. This enables the user
to position the sensor’s dynamic output within a specified
range (e.g., within the high and low references of an A/D
converter). Also detailed is a method of using an additional
feedback resistor to adjust easily the differential voltage gain,
while not sacrificing common mode rejection. Combining the
appropriate sensor device and amplifier interface circuit
provides sensor users with a versatile system solution for
applications in which the ideal fully single–conditioned sensor
does not exist or in which such signal flexibility is warranted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com