Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2053GS Datasheet(PDF) 488 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 488 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 484Page - Motorola, Inc MPXM2053GS Datasheet HTML 485Page - Motorola, Inc MPXM2053GS Datasheet HTML 486Page - Motorola, Inc MPXM2053GS Datasheet HTML 487Page - Motorola, Inc MPXM2053GS Datasheet HTML 488Page - Motorola, Inc MPXM2053GS Datasheet HTML 489Page - Motorola, Inc MPXM2053GS Datasheet HTML 490Page - Motorola, Inc MPXM2053GS Datasheet HTML 491Page - Motorola, Inc MPXM2053GS Datasheet HTML 492Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 670 page
background image
AN1551
3–342
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 2. Software Command Codes
Function
(Command Codes)
Command
from Host
Data from
Smart Sensor
Request Pressure
$01
$00–$FF
Dynamic Zero
$02
—
Undo Dynamic Zero
$03
—
Pressure Range
$04
TBD
Communication
The serial peripheral interface (SPI) is used to communicate
to a master/host MCU. The master MCU initiates all I/O control
and sends commands to the slave regarding data requests,
calibration, etc. The command codes are parsed at the slave
in a look–up table, at which time the corresponding request is
serviced via subroutine. Table 2 lists the Master/Slave
commands.
Request Pressure Returns the percent of full–scale pressure
applied to the sensor in the form of $00 (0) through $FF (255)
and is equivalent to:
Pressure Range (from 0 to 255),
where
x FS = Measured Pressure
(2)
(0
Y 255)
255
(This calculation is performed by the master MCU.)
Dynamic Zero Assigns current input pressure as the offset
value, in order to use a nonzero pressure as the offset
reference.
Undo Dynamic Zero Resets offset to the original stored offset
(see Dynamic Zero).
Pressure Range Returns a value representing the sensor’s
full–scale pressure range.
Figure 3. SPI Timing Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com