Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2053GS Datasheet(PDF) 513 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 513 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 509Page - Motorola, Inc MPXM2053GS Datasheet HTML 510Page - Motorola, Inc MPXM2053GS Datasheet HTML 511Page - Motorola, Inc MPXM2053GS Datasheet HTML 512Page - Motorola, Inc MPXM2053GS Datasheet HTML 513Page - Motorola, Inc MPXM2053GS Datasheet HTML 514Page - Motorola, Inc MPXM2053GS Datasheet HTML 515Page - Motorola, Inc MPXM2053GS Datasheet HTML 516Page - Motorola, Inc MPXM2053GS Datasheet HTML 517Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 670 page
background image
AN1573
3–367
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transient Systems
Transient systems are systems with changing conditions such as pressures, flow rates, etc. Measurements in transient systems
are the most difficult to accurately obtain. If the measurement system being used to measure the pressure has a faster response
time than the rate of change in the system, then the system can be treated as quasi–steady–state. That is, the measurements will
be about as accurate as those taken in the steady–state system. If the measurement of the system is assumed to be a snap shot
of what is happening in the system, then you want to be able to take the picture faster than the rate of change in the system or
the picture will be blurred. In other words, the measurement results will not be accurate. In a pressure measurement system, there
are two factors that determine the overall measurement response: (1) the response of the transducer element that senses the
pressure, and (2) the response of the interface between the transducer and the pressure system such as the pressure transmitting
fluid and the connecting tube, etc. For Motorola pressure sensors, the second factor usually determines the overall frequency
response of the pressure measurement system. The vast majority of pressure systems that require measurements today are
quasi–steady–state systems where system conditions are changing relatively slowly compared to the response rate of the
measurement system or the change happens instantaneously and then stabilizes.
Two transient system examples include washing machines and ventilation ducts in buildings. In a washing machine, the height
of the water in the tub is measured indirectly by measuring the pressure at the bottom of the tub. As the tub fills the pressure
changes. The rate at which the tub fills and the pressure changes is much slower than the response rate of the measurement
system. In a ventilation duct, the pressure changes as the duct registers are opened and closed, adjusting the air movement within
the building. As more registers are opened and closed, the system pressure changes. The pressure changes are virtually
instantaneous. In this case, pressure changes are essentially incremental and therefore easy to measure accurately except at the
instant of the change. For most industrial and building control applications, the lag in the pressure measurement system is
negligible. As the control or measurement system becomes more precise, the frequency response of the measurement system
must be considered.
Motorola Pressure Sensors
This application note has covered various types of pressures that are measured and how to tap into a system to measure the
desired pressures. How are the actual pressure measurements made? There are many types of pressure measurement systems
ranging from simple liquid tube manometers to bourdon–tube type gages to piezo–electric silicon based transducers. Today, as
electronic control and measurement systems are replacing mechanical systems, silicon–based pressure transducers and sensors
are becoming the sensors of choice. Silicon micromachined sensors offer very high accuracies at very low cost and provide an
interface between the mechanical world and the electrical system. Motorola carries a complete line of silicon based pressure
sensors which feature a wide range of pressures with various levels of integration on a single chip. These levels of integration start
with the basic uncompensated, uncalibrated pressure sensor all the way to the fully integrated, temperature compensated,
calibrated and signal conditioned pressure sensors. The response time of Motorola’s MPX series silicon pressure sensors is
typically 1 millisecond or less. For static or dynamic systems, Motorola’s pressure sensors are an excellent solution for pressure
measurement systems.
Conclusion
Pressures and pressure measurements can be extremely complex and complicated. However, for most systems it is relatively
easy to obtain accurate pressure measurements if the proper techniques are used.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com