Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2102ASX Datasheet(PDF) 106 Page - Motorola, Inc

Part # MPX2102ASX
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102ASX Datasheet(HTML) 106 Page - Motorola, Inc

Back Button MPX2102ASX Datasheet HTML 102Page - Motorola, Inc MPX2102ASX Datasheet HTML 103Page - Motorola, Inc MPX2102ASX Datasheet HTML 104Page - Motorola, Inc MPX2102ASX Datasheet HTML 105Page - Motorola, Inc MPX2102ASX Datasheet HTML 106Page - Motorola, Inc MPX2102ASX Datasheet HTML 107Page - Motorola, Inc MPX2102ASX Datasheet HTML 108Page - Motorola, Inc MPX2102ASX Datasheet HTML 109Page - Motorola, Inc MPX2102ASX Datasheet HTML 110Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 670 page
background image
AN1611
2–70
Motorola Sensor Device Data
www.motorola.com/semiconductors
SOFTWARE SOURCE/ASSEMBLY PROGRAM CODE
******************************************************************************
*
*
*
Accelerometer Demo Car Version 2.0
*
*
*
*
The following code is written for MC68HC705B16 using MMDS05 software
*
*
Version 1.01
*
*
CASM05 – Command line assembler Version 3.04
*
*
P & E Microcomputer Systems, Inc.
*
*
*
*
Written by : C.S. Chua
*
*
29 August 1996
*
*
*
*
*
*
Copyright Motorola Electronics Pte Ltd 1996
*
*
All rights Reserved
*
*
*
*
This software is the property of Motorola Electronics Pte Ltd.
*
*
*
*
Any usage or redistribution of this software without the express
*
*
written consent of Motorola is strictly prohibited.
*
*
*
*
Motorola reserves the right to make changes without notice to any
*
*
products herein to improve reliability, function, or design. Motorola
*
*
does not assume liability arising out of the application or use of any
*
*
product or circuit described herein, neither does it convey license
*
*
under its patents rights nor the rights of others. Motorola products are *
*
not designed, intended or authorised for use as component in systems
*
*
intended to support or sustain life or for any other application in
*
*
which the failure of the Motorola product could create a situation
*
*
a situation where personal injury or death may occur. Should the buyer
*
*
shall indemnify and hold Motorola products for any such unintended or
*
*
unauthorised application, buyer shall indemnify and hold Motorola and
*
*
its officers, employees, subsidiaries, affiliates, and distributors
*
*
harmless against all claims, costs, damages, expenses and reasonable
*
*
attorney fees arising out of, directly or indirectly, any claim of
*
*
personal injury or death associated with such unintended or unauthorised *
*
use, even if such claim alleges that Motorola was negligent regarding
*
*
the design or manufacture of the part.
*
*
*
*
Motorola and the Motorola logo are registered trademarks of Motorola Inc.*
*
*
*
Motorola Inc. is an equal opportunity/affirmative action employer.
*
*
*
******************************************************************************
******************************************************************************
*
*
*
Software Description
*
*
*
*
This software is used to read the output of the accelerometer MMA2200W
*
*
and display it to a LCD as gravity force. It ranges from –55g to +55g
*
*
with 0g as zero acceleration or constant velocity. The resolution is
*
*
0.5g.
*
*
*
*
The program will read from the accelerometer and hold the maximum
*
*
deceleration value for about 3.0 seconds before resetting. At the same
*
*
time, the buzzer/LED is activated if the impact is more than 7.0g.
*
*
However, if the maximum deceleration changes before 3.0 seconds, it
*
*
will update the display using the new value. Note that positive value
*
*
implies deceleration whereas negative value implies acceleration
*
*
*
******************************************************************************
******************************************
*
*
*
Initialisation
*
*
*
******************************************
PORTA
EQU
$00
; Last digit
PORTB
EQU
$01
; Second digit (and negative sign)
PORTC
EQU
$02
; First digit (and decimal point)
ADDATA
EQU
$08
; ADC Data
ADSTAT
EQU
$09
; ADC Status
PLMA
EQU
$0A
; Pulse Length Modulator (Output to Buzzer)
MISC
EQU
$0C
; Miscellaneous Register (slow/fast mode)
TCONTROL
EQU
$12
; Timer control register
TSTATUS
EQU
$13
; Timer Status Register
OCMPHI1
EQU
$16
; Output Compare Register 1 High Byte
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com