Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2102ASX Datasheet(PDF) 141 Page - Motorola, Inc

Part # MPX2102ASX
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2102ASX Datasheet(HTML) 141 Page - Motorola, Inc

Back Button MPX2102ASX Datasheet HTML 137Page - Motorola, Inc MPX2102ASX Datasheet HTML 138Page - Motorola, Inc MPX2102ASX Datasheet HTML 139Page - Motorola, Inc MPX2102ASX Datasheet HTML 140Page - Motorola, Inc MPX2102ASX Datasheet HTML 141Page - Motorola, Inc MPX2102ASX Datasheet HTML 142Page - Motorola, Inc MPX2102ASX Datasheet HTML 143Page - Motorola, Inc MPX2102ASX Datasheet HTML 144Page - Motorola, Inc MPX2102ASX Datasheet HTML 145Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 670 page
background image
AN1925
2–105
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 2. Evaluation Board Circuit Schematic
.01 F
C3
.01 F
C4
.1 F
C1
9 V to 15 V
J1
3
MC78L05
IN
OUT
GND
1
.33 F
C2
BATT
+5 V
J1
750
R1
PS
JP1
ON
S1
D1
Green LED
VDD
STATUS
VSS
7
6
STATUS
TP2
VOUT
5
MMA1220D
ST
S2
1K
R2
4
J1
VOUT
TP3
OFF
8
2
VDD
VDD
VOUT
Figure 3. Motorola Accelerometer Evaluation Board with Test Socket
Pin 1
20–pin
Test Socket
MMA Device
Bottom Lid Snap
Unused pins
SOIC
The board allows for direct mounting of a 16–pin DIP or
SOIC package. For the SOIC device, a 20–pin test socket is
used to allow for evaluation of more than one device without
soldering directly to the board and potentially damaging the
PCB. Care must be taken in placing the device correctly in the
socket as four pins of the socket will not be used. With the
board oriented as shown in Figure 3, Pin 1 should face
downward and the device should be positioned toward the top
of the test socket, thereby exposing the bottom four pins of the
test socket. The socket is marked to help identify the 4 unused
socket pins. Lids to secure the device in the socket are
included with the board and delicately snap into place. The lids
can be removed by applying pressure to the sides of the lid or
by lifting the top and bottom snaps of the lid.
PIN OUT DESCRIPTION
Pin
Name
Description
4
ST
Logic input pin to initiate self–test
5
VOUT
Output voltage of the accelerometer
6
STATUS
Logic output pin to indicate fault
7
VSS
Power supply ground
8
VDD
Power supply input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com