Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 320 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 320 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 316Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 317Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 318Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 319Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 320Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 321Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 322Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 323Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 324Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 670 page
background image
3–174
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-ChipSignal Conditioned,
Temperature Compensated
and Calibrated
The MPXV4115V series piezoresistive transducer is a state–of–the–art monolithic
silicon pressure sensor designed for a wide range of applications, particularly those
employing a microcontroller with A/D inputs. This transducer combines advanced
micromachining techniques, thin–film metallization and bipolar processing to provide an
accurate, high–level analog output signal that is proportional to the applied pressure/vac-
uum. The small form factor and high reliability of on–chip integration make the Motorola
sensor a logical and economical choice for the automotive system designer. Figure 1
shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Features
• 1.5 % Maximum error over 0° to 85°C
• Temperature Compensated from –40° + 125°C
• Ideally Suited for Microprocessor or Microcontroller–Based Systems
• Durable Thermoplastic (PPS) Surface Mount Package
Application Examples
• Vacuum Pump Monitoring
• Brake Booster Monitoring
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7 AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXV4115V
SERIES
INTEGRATED
PRESSURE SENSOR
–115 to 0 kPa (–16.7 to 2.2 psi)
0.2 to 4.6 V OUTPUT
PIN NUMBER
1
2
3
Vout
Gnd
5
6
7
N/C
N/C
N/C
4
VS
8
N/C
N/C
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or ground.
Pin 1 is noted by the notch in the lead.
MPXV4115VC6U
CASE 482A
SMALL OUTLINE PACKAGE
MPXV4115V6U
CASE 482
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com