Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 332 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 332 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 328Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 329Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 330Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 331Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 332Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 333Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 334Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 335Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 336Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 670 page
background image
MPXV6115VC6U
3–186
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPXV6115VC6U)
Nominal Transfer Value: Vout = VS x (0.007652 x P + 0.92)
± (Pressure Error x Temp. Factor x 0.007652 x VS)
VS = 5.0 ± 0.25 Vdc
Temperature Error Band
MPXV6115VC6U
Break Points
Temp
Multiplier
– 40
3
0 to 85
1
125
2
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Pressure Error Band
–85
–60
–45
–30
–15
–115
–100
0
Pressure in kPa
(below atmospheric)
Pressure
Error (Max)
1.950
1.725
1.500
–1.500
– 1.725
– 1.950
–115 to 0 kPa
"1.725 (kPa)
0
Error Limits for Pressure
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Ported Element
Vacuum, Axial Port
482A
MPXV6115VC6U
Rails
MPXV6115V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com