Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 385 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 385 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 381Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 382Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 383Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 384Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 385Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 386Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 387Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 388Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 389Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 670 page
background image
AN1309
3–239
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 4. LM3914 Block Diagram
REFERENCE
VOLTAGE
SOURCE
1.25 V
MODE
SELECT
AMPLIFIER
–
+
BUFFER
REF
OUT
THIS LOAD
DETERMINES
LED
BRIGHTNESS
CONTROLS
TYPE OF
DISPLAY, BAR
OR SINGLE
LED
COMPARATOR
1 of 10
LM3914
10
11
12
13
14
15
16
17
18
1
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
LED
V+
RHI 6
7
8
3
4
5
RLO
REF
ADJ
V+
SIG
IN
V–
9
2
FROM
PIN 11
V+
20 k
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com