Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 396 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 396 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 392Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 393Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 394Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 395Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 396Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 397Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 398Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 399Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 400Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 670 page
background image
AN1315
3–250
Motorola Sensor Device Data
www.motorola.com/semiconductors
6805 ’C’ COMPILER V3.48
16–Oct–1991
PAGE
1
#pragma option f0;
/*
THE FOLLOWING ’C’ SOURCE CODE IS WRITTEN FOR THE DEVB158 EVALUATION
BOARD. IT WAS COMPILED WITH A COMPILER COURTESY OF:
BYTE CRAFT LTD.
421 KING ST.
WATERLOO, ONTARIO
CANADA
N2J 4E4
(519)888–6911
SOME SOURCE CODE CHANGES MAY BE NECESSARY FOR COMPILATION WITH OTHER
COMPILERS.
BILL LUCAS 2/5/92
MOTOROLA, SPS
Revision history
rev. 1.0 initial release 3/19/92
rev. 1.1 added additional decimal digit to the MPX2010 sensor. Originally
resolved the output to .1 PSI. Modified cvt_bin_dec to output PSI resolved
to .01 PSI. WLL 9/25/92
*/
0800 1700
#pragma memory ROMPROG
[5888]
@ 0x0800 ;
0050 0096
#pragma memory RAMPAGE0 [150]
@ 0x0050 ;
/*
Vector assignments
*/
1FFE
#pragma vector __RESET
@ 0x1ffe ;
1FFC
#pragma vector __SWI
@ 0x1ffc ;
1FFA
#pragma vector IRQ
@ 0x1ffa ;
1FF8
#pragma vector TIMERCAP
@ 0x1ff8 ;
1FF6
#pragma vector TIMERCMP
@ 0x1ff6 ;
1FF4
#pragma vector TIMEROV
@ 0x1ff4 ;
1FF2
#pragma vector SCI
@ 0x1ff2 ;
#pragma has STOP ;
#pragma has WAIT ;
#pragma has MUL ;
/*
Register assignments for the 68HC705B5 microcontroller
*/
0000
#pragma portrw porta
@ 0x00;
/*
*/
0001
#pragma portrw portb
@ 0x01;
/*
*/
0002
#pragma portrw portc
@ 0x02;
/*
*/
0003
#pragma portrw portd
@ 0x03;
/* in
,–
,SS
,SCK
,MOSI ,MISO,TxD,RxD */
0004
#pragma portrw ddra
@ 0x04;
/* Data direction, Port A
*/
0005
#pragma portrw ddrb
@ 0x05;
/* Data direction, Port B
*/
0006
#pragma portrw ddrc
@ 0x06;
/* Data direction, Port C (all output)
*/
0007
#pragma portrw eeclk
@ 0x07;
/* eeprom/eclk cntl */
0008
#pragma portrw addata
@ 0x08;
/* a/d data register */
0009
#pragma portrw adstat
@ 0x09;
/* a/d stat/control */
000A
#pragma portrw plma
@ 0x0a;
/* pulse length modulation a */
000B
#pragma portrw plmb
@ 0x0b;
/* pulse length modulation b */
000C
#pragma portrw misc
@ 0x0c;
/* miscellaneous register */
000D
#pragma portrw scibaud @ 0x0d;
/* sci baud rate register */
000E
#pragma portrw scicntl1 @ 0x0e; /* sci control 1
*/
000F
#pragma portrw scicntl2 @ 0x0f; /* sci control 2
*/
0010
#pragma portrw scistat @ 0x10;
/* sci status reg */
0011
#pragma portrw scidata
@ 0x11;
/* SCI Data
*/
0012
#pragma portrw tcr
@ 0x12;
/* ICIE,OCIE,TOIE,0;0,0,IEGE,OLVL
*/
0013
#pragma portrw tsr
@ 0x13;
/* ICF,OCF,TOF,0; 0,0,0,0
*/
0014
#pragma portrw icaphi1
@ 0x14;
/* Input Capture Reg (Hi–0x14, Lo–0x15)
*/
0015
#pragma portrw icaplo1
@ 0x15;
/* Input Capture Reg (Hi–0x14, Lo–0x15)
*/
0016
#pragma portrw ocmphi1
@ 0x16;
/* Output Compare Reg (Hi–0x16, Lo–0x17)
*/
0017
#pragma portrw ocmplo1
@ 0x17;
/* Output Compare Reg (Hi–0x16, Lo–0x17)
*/
0018
#pragma portrw tcnthi
@ 0x18;
/* Timer Count Reg (Hi–0x18, Lo–0x19)
*/
0019
#pragma portrw tcntlo
@ 0x19;
/* Timer Count Reg (Hi–0x18, Lo–0x19)
*/
001A
#pragma portrw aregnthi
@ 0x1A;
/* Alternate Count Reg (Hi–$1A, Lo–$1B)
*/
001B
#pragma portrw aregntlo
@ 0x1B;
/* Alternate Count Reg (Hi–$1A, Lo–$1B)
*/
001C
#pragma portrw icaphi2
@ 0x1c;
/* Input Capture Reg (Hi–0x1c, Lo–0x1d)
*/
001D
#pragma portrw icaplo2
@ 0x1d;
/* Input Capture Reg (Hi–0x1c, Lo–0x1d)
*/
001E
#pragma portrw ocmphi2
@ 0x1e;
/* Output Compare Reg (Hi–0x1e, Lo–0x1f)
*/
001F
#pragma portrw ocmplo2
@ 0x1f;
/* Output Compare Reg (Hi–0x1e, Lo–0x1f)
*/
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com