Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AT1 Datasheet(PDF) 411 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 411 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 407Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 408Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 409Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 410Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 411Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 412Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 413Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 414Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 415Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 670 page
background image
AN1316
3–265
Motorola Sensor Device Data
www.motorola.com/semiconductors
Table 1. Specifications
Characteristics
Symbol
Min
Typ
Max
Units
Power Supply Voltage
B+
10
30
Volts
Full Scale Pressure
PFS
– MPX2010
10
kPa
– MPX2050
50
kPa
– MPX2100
100
kPa
– MPX2200
200
kPa
Full Scale Output
fFS
10
kHz
Zero Pressure Offset
fOFF
1
kHz
Sensitivity
SAOUT
9/PFS
kHz/kPa
Quiescent Current
ICC
55
mA
EVALUATION BOARD
The following sections present an example of the signal
conditioning, including frequency conversion, that was
developed as an evaluation tool for the Motorola MPX2000
series pressure sensors. A summary of the information
required to use evaluation board number DEVB160 is
presented as follows.
Description
The evaluation board shown in Figure 1 is designed to
transduce pressure, vacuum or differential pressure into a
single–ended, ground referenced voltage that is then input to
a voltage–to–frequency converter. It nominally provides a 1
kHz output at zero pressure and 10 kHz at full scale pressure.
Zero pressure calibration is made with a trimpot that is located
on the lower half of the left side of the board, while the full scale
output can be calibrated via another trimpot just above the
offset adjust. The board comes with an MPX2100DP sensor
installed, but will accommodate any MPX2000 series sensor.
One additional modification that may be required is that the
gain of the circuit must be increased slightly when using an
MPX2010 sensor. Specifically, the resistor R5 must be
increased from 7.5 k
Ω to 12 kΩ.
Circuit Description
The following pin description and circuit operation
corresponds to the schematic shown in Figure 2.
Pin–by–Pin Description
B+:
Input power is supplied at the B+ terminal of connector CN1.
Minimum input voltage is 10 V and maximum is 30 V.
Fout:
A logic–level (5 V) frequency output is supplied at the OUT
terminal (CN1). The nominal signal it provides is 1 kHz at zero
pressure and 10 kHz at full scale pressure. Zero pressure
frequency is adjustable and set with R12. Full–scale
frequency is calibrated via R13. This output is designed to be
directly connected to a microcontroller timer system
input–capture channel.
GND:
The ground terminal on connector CN1 is intended for use
as the power supply return and signal common. Test point
terminal TP3 is also connected to ground, for measurement
convenience.
TP1:
Test point 1 is connected to the final frequency output, Fout.
TP2:
Test point 2 is connected to the +5 V regulator output. It can
be used to verify that this supply voltage is within its tolerance.
TP3:
Test point 3 is the additional ground point mentioned above
in the GND description.
TP4:
Test point 4 is connected to the +8 V regulator output. It can
be used to verify that this supply voltage is within its tolerance.
P1, P2:
Pressure and Vacuum ports P1 and P2 protrude from the
sensor on the right side of the board. Pressure port P1 is on
the top (marked side of package) and vacuum port P2, if
present, is on the bottom. When the board is set up with a dual
ported sensor (DP suffix), pressure applied to P1, vacuum
applied to P2 or a differential pressure applied between the
two all produce the same output voltage per kPa of input.
Neither port is labeled.
Absolute maximum differential
pressure is 700 kPa.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com