Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2102AS Datasheet(PDF) 510 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 510 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 506Page - Motorola, Inc MPXM2102AS Datasheet HTML 507Page - Motorola, Inc MPXM2102AS Datasheet HTML 508Page - Motorola, Inc MPXM2102AS Datasheet HTML 509Page - Motorola, Inc MPXM2102AS Datasheet HTML 510Page - Motorola, Inc MPXM2102AS Datasheet HTML 511Page - Motorola, Inc MPXM2102AS Datasheet HTML 512Page - Motorola, Inc MPXM2102AS Datasheet HTML 513Page - Motorola, Inc MPXM2102AS Datasheet HTML 514Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 510 / 670 page
background image
AN1573
3–364
Motorola Sensor Device Data
www.motorola.com/semiconductors
Pressure
Local Atmospheric Pressure
Vacuum (Negative Gage)
Absolute
Absolute
Atmospheric
Gage
Figure 2. Pressure Term Relationships
In addition to the three types of pressure measurement, there are different types of fluid systems and fluid pressures. There are
two types of fluid systems;
static systems and dynamic systems. As the names imply, a static system is one in which the fluid is
at rest and a dynamic system is on in which the fluid is moving.
Static Pressure Systems
The pressure measured in a static system is
static pressure. In the pressure system shown in Figure 3, a uniform static fluid
is continuously distributed with the pressure varying only with vertical distance. The pressure is the same at all points along the
same horizontal plane in the fluid and is independent of the shape of the container. The pressure increases with depth in the fluid
and acts equally in all directions. The increase in pressure at a deeper depth is essentially the effect of the weight of the fluid above
that depth. Figure 4 shows two containers with the same fluid exposed to the same external pressure – P . At any equal depth within
either tank the pressure will be the same . Note that the sides of the large tank are not vertical. The pressure is dependent only
on depth and has nothing to do with the shape of the container. If the working fluid is a gas, the pressure increase in the fluid due
to the height of the fluid is in most cases negligible since the density and therefore the weight of the fluid is much smaller than the
pressure being applied to the system. However, this may not remain true if the system is large enough or the pressures low enough.
One example considers how atmospheric pressure changes with altitude. At sea level the standard U.S. atmospheric pressure
is 14.696 psia (101.325 kPa). At an altitude of 10,000 ft (3048 m) above sea level the standard U.S. atmospheric pressure is 10.106
psia (69.698 kPA) and at 30,000 ft (9144 m), the standard U.S. atmospheric pressure is 4.365 psia (30.101 kPa).
The pressure in a static liquid can be easily calculated if the density of the liquid is known. The absolute pressure at a depth H
in a liquid is defined as:
Pabs = P + (ρ x g x H)
Where :
Pabs is the absolute pressure at depth H.
P is the external pressure at the top of the liquid. For most open systems this will be atmospheric pressure.
ρ is the density of the fluid.
g is the acceleration due to gravity (g = 32.174 ft/sec2 (9.81 m/sec2)).
H is the depth at which the pressure is desired.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com