Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202DP Datasheet(PDF) 522 Page - Motorola, Inc

Part # MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Datasheet(HTML) 522 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 518Page - Motorola, Inc MPX2202DP Datasheet HTML 519Page - Motorola, Inc MPX2202DP Datasheet HTML 520Page - Motorola, Inc MPX2202DP Datasheet HTML 521Page - Motorola, Inc MPX2202DP Datasheet HTML 522Page - Motorola, Inc MPX2202DP Datasheet HTML 523Page - Motorola, Inc MPX2202DP Datasheet HTML 524Page - Motorola, Inc MPX2202DP Datasheet HTML 525Page - Motorola, Inc MPX2202DP Datasheet HTML 526Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 670 page
background image
AN1636
3–376
Motorola Sensor Device Data
www.motorola.com/semiconductors
There are a lot of applications that will lend themselves
naturally to auto–zeroing. Typical applications are those that:
• experience a zero–pressure condition at system start up,
• are idle for a long time (zero pressure), take a pressure
measurement then go back to idle again.
For example, in a water level measurement in a washing
machine application, there is a zero pressure reference
condition when the water in the tub is fully pumped out.
Another application that is perfect for auto–zeroing is a
beverage fill level measurement; a zero reference condition
exists before the bottle is filled. HVAC air flow applications can
also use auto–zeroing; before system start up, an auto–zero
can be initiated. In other words, it can be used in applications
where a zero pressure condition can exist in order to
auto–zero the system.
An auto–zero command can be automated by the system
or can be commanded manually. Each system will have a
different algorithm to command an auto–zero signal. For
example, using the beverage fill level measurement as an
example, the system will auto zero the sensor before the bottle
is filled.
IMPLEMENTATION OF AUTO–ZERO WITH A
MICROCONTROLLER
Auto–zero can be implemented easily when the integrated
sensor is interfaced to a microcontroller. The auto–zero
algorithm is listed below:
1. Sample the sensor output when a known zero refer-
ence is applied to the sensor (atmospheric pressure is
a zero reference for gauge type measurement). Store
current zero pressure offset as CZPO.
2. Sample the sensor output at the current applied
pressure. Call this SP.
3. Subtract the stored offset correction, CZPO, from SP.
The pressure being measured is simply calculated as:
PMEAS = (SP*CZPO)/S.
Note that the equation is simply a straight line equation,
where S is the sensitivity of the sensor. The auto–zero
algorithm is shown graphically in Figure 3.
Figure 3. Flow–Chart of the Auto–Zero Algorithm
Start
Sample Current Zero Offset, CZPO
Sample Current Pressure, SP
P
MEAS +
CP
* CZPO
S
Calculate Pressure
measure again
auto–zero command received
End
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com