Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2202DP Datasheet(PDF) 126 Page - Motorola, Inc

Part # MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Datasheet(HTML) 126 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 122Page - Motorola, Inc MPX2202DP Datasheet HTML 123Page - Motorola, Inc MPX2202DP Datasheet HTML 124Page - Motorola, Inc MPX2202DP Datasheet HTML 125Page - Motorola, Inc MPX2202DP Datasheet HTML 126Page - Motorola, Inc MPX2202DP Datasheet HTML 127Page - Motorola, Inc MPX2202DP Datasheet HTML 128Page - Motorola, Inc MPX2202DP Datasheet HTML 129Page - Motorola, Inc MPX2202DP Datasheet HTML 130Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 670 page
background image
AN1635
2–90
Motorola Sensor Device Data
www.motorola.com/semiconductors
A
B
CAPTURE
WINDOW
POINT
OF
IMPACT
THRESHOLD
LEVEL
SYSTEM AT STEADY RATE
OSCILLATIONS THAT RESULT
AS ENERGY IS DISSIPATED
Figure 2. Typical Crash Pattern for the Baseball Pitch Speedometer Demo
THEORY OF OPERATION
When a ball is thrown against the target, the accelerometer
senses the impact and produces an analog output signal,
proportional to the acceleration measured, resulting in a crash
signature. The amplitude and duration of the crash signature
is a function of the velocity of the ball. How can this crash
signature be correlated to the velocity of the baseball? By
making use of the principle of conservation of momentum (see
Equation 1). The principle of conservation of momentum
states that the total momentum within a closed system
remains constant. In our case, the system consists of the
thrown ball and the target.
mball *Vball,initial + mtarget *Vtarget,initial =
mball *Vball,final + mtarget *Vtarget,final
Eq. 1
When the ball is thrown, it has a momentum equivalent to
mball *Vball,initial. The target initially has zero momentum
since it is stationary. When the ball collides with the target,
part of the momentum of the ball is transferred to the target,
and the target will momentarily experience acceleration,
velocity, and some finite, though small, displacement before
dissipating the momentum and returning to a rest state. The
other portion of momentum is retained by the ball as it bounces
off the target, due to the elastic nature of the collision. By
measuring the acceleration imparted on the target, its velocity
is computed through integration. Ideally, if the mass of the ball,
the mass of the target, and the final velocity of the ball are
known, then the problem could be solved analytically and the
initial velocity of the baseball determined.
The analysis of the crash phenomenon is, however, actually
quite complex. Some factors that must be taken into account
and that complicate the analysis greatly, are the spring
constant and damping coefficient of the target. The target will
be displaced during impact because it is anchored to the frame
by a thick rubber mat. This action effectively causes the
system to have a certain amount of spring. Also, though the
mat is very dense, it will deform somewhat during impact and
will act as shock absorber. In addition, the ball itself also has
a spring constant and damping coefficient associated with it,
since it bounces off the target and, though not noticeable by
the naked eye, will deform during the impact. Finally, and of
even greater significance, the mass of the ball, the mass of the
target, and the final velocity of the ball are neither known nor
measured. So how can the system work?
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com