Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202AS Datasheet(PDF) 316 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 316 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 312Page - Motorola, Inc MPXM2202AS Datasheet HTML 313Page - Motorola, Inc MPXM2202AS Datasheet HTML 314Page - Motorola, Inc MPXM2202AS Datasheet HTML 315Page - Motorola, Inc MPXM2202AS Datasheet HTML 316Page - Motorola, Inc MPXM2202AS Datasheet HTML 317Page - Motorola, Inc MPXM2202AS Datasheet HTML 318Page - Motorola, Inc MPXM2202AS Datasheet HTML 319Page - Motorola, Inc MPXM2202AS Datasheet HTML 320Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 670 page
background image
3–170
Motorola Sensor Device Data
www.motorola.com/semiconductors
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPXV4006G series piezoresistive transducer is a state–of–the–art monolithic
silicon pressure sensor designed for a wide range of applications, but particularly those
employing a microcontroller or microprocessor with A/D inputs. This sensor combines a
highly sensitive implanted strain gauge with advanced micromachining techniques,
thin–film metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
• Temperature Compensated over 10° to 60°C
• Ideally Suited for Microprocessor or Microcontroller–
Based Systems
• Available in Gauge Surface Mount (SMT) or Through–
hole (DIP) Configurations
• Durable Thermoplastic (PPS) Package
Figure 1. Fully Integrated Pressure Sensor
Schematic
VS
SENSING
ELEMENT
Vout
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 1, 5, 6, 7, AND 8 ARE NO CONNECTS
FOR SMALL OUTLINE PACKAGE DEVICE
Replaces MPXT4006D/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPXV4006G
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 6 kPa (0 to 0.87 psi)
0.2 to 4.7 V OUTPUT
SMALL OUTLINE PACKAGE
THROUGH–HOLE
PIN NUMBER
1
2
3
N/C
VS
Gnd
5
6
7
N/C
N/C
N/C
4Vout
8
N/C
MPXV4006GC7U
CASE 482C
MPXV4006G7U
CASE 482B
NOTE: Pins 1, 5, 6, 7, and 8 are
internal device connections. Do not
connect to external circuitry or
ground. Pin 1 is noted by the notch
in the lead.
MPXV4006G6U
CASE 482
MPXV4006GC6U
CASE 482A
SMALL OUTLINE PACKAGE
SURFACE MOUNT
MPXV4006DP
CASE 1351
MPXV4006GP
CASE 1369
J
REV 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com