Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202AS Datasheet(PDF) 405 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 405 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 401Page - Motorola, Inc MPXM2202AS Datasheet HTML 402Page - Motorola, Inc MPXM2202AS Datasheet HTML 403Page - Motorola, Inc MPXM2202AS Datasheet HTML 404Page - Motorola, Inc MPXM2202AS Datasheet HTML 405Page - Motorola, Inc MPXM2202AS Datasheet HTML 406Page - Motorola, Inc MPXM2202AS Datasheet HTML 407Page - Motorola, Inc MPXM2202AS Datasheet HTML 408Page - Motorola, Inc MPXM2202AS Datasheet HTML 409Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 670 page
background image
AN1315
3–259
Motorola Sensor Device Data
www.motorola.com/semiconductors
0B03 B7 01
STA
$01
0B05 BE 54
LDX
$54
porta = ( lcdtab[digit[4]] );
/* 1’s digit */
0B07 D6 08 00
LDA
$0800,X
0B0A B7 00
STA
$00
/* place the decimal point only if the sensor is 15 psi or 7.5 psi */
0B0C B6 60
LDA
$60
if ( sensor_index < 3 )
0B0E A8 80
EOR
#$80
0B10 A1 83
CMP
#$83
0B12 24 08
BCC
$0B1C
0B14 BE 54
LDX
$54
porta = ( lcdtab[digit[4]]+1 ); /* add the decimal point to the lsd */
0B16 D6 08 00
LDA
$0800,X
0B19 4C
INCA
0B1A B7 00
STA
$00
0B1C 3D 60
TST
$60
if(sensor_index ==0) /* special case */
0B1E 26 0F
BNE
$0B2F
{
0B20 BE 54
LDX
$54
porta = ( lcdtab[digit[4]] ); /* get rid of the decimal at lsd */
0B22 D6 08 00
LDA
$0800,X
0B25 B7 00
STA
$00
0B27 BE 53
LDX
$53
portb = ( lcdtab[digit[3]]+1 ); /* decimal point at middle digit */
0B29 D6 08 00
LDA
$0800,X
0B2C 4C
INCA
0B2D B7 01
STA
$01
}
0B2F 9A
CLI
CLI;
0B30 CD 09 68
JSR
$0968
delay();
0B33 81
RTS
}
/****************************************************************/
void display_psi(void)
/*
At power–up it is assumed that the pressure or vacuum port of
the sensor is open to atmosphere. The code in initio() delays
for the sensor and power supply to stabilize. One hundred A/D
conversions are averaged. That result is called xdcr_offset.
This routine calls the A/D routine which performs one hundred
conversions, divides the result by 100 and returns the value.
If the value returned is less than or equal to the xdcr_offset,
the value of xdcr_offset is substituted. If the value returned
is greater than xdcr_offset, xdcr_offset is subtracted from the
returned value.
*/
{
while(1)
{
0B34 CD 09 7F
JSR
$097F
atodtemp = read_a2d();
/* atodtemp = raw a/d ( 0..255 ) */
0B37 3F 55
CLR
$55
0B39 B7 56
STA
$56
0B3B B0 5D
SUB
$5D
if ( atodtemp <= xdcr_offset )
0B3D B7 58
STA
$58
0B3F B6 5C
LDA
$5C
0B41 A8 80
EOR
#$80
0B43 B7 57
STA
$57
0B45 B6 55
LDA
$55
0B47 A8 80
EOR
#$80
0B49 B2 57
SBC
$57
0B4B BA 58
ORA
$58
0B4D 22 08
BHI
$0B57
0B4F B6 5C
LDA
$5C
atodtemp = xdcr_offset;
0B51 B7 55
STA
$55
0B53 B6 5D
LDA
$5D
0B55 B7 56
STA
$56
0B57 B6 56
LDA
$56
atodtemp –=
xdcr_offset; /* remove the offset */
0B59 B0 5D
SUB
$5D
0B5B B7 56
STA
$56
0B5D B6 55
LDA
$55
0B5F B2 5C
SBC
$5C
0B61 B7 55
STA
$55
0B63 CD 09 4C
JSR
$094C
sensor_slope();
/* establish the slope constant for this output */
0B66 B6 56
LDA
$56
atodtemp *= sensor_model;
0B68 B7 58
STA
$58
0B6A B6 55
LDA
$55
0B6C B7 57
STA
$57
0B6E B6 5E
LDA
$5E
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com