Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM2202AS Datasheet(PDF) 440 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 440 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 436Page - Motorola, Inc MPXM2202AS Datasheet HTML 437Page - Motorola, Inc MPXM2202AS Datasheet HTML 438Page - Motorola, Inc MPXM2202AS Datasheet HTML 439Page - Motorola, Inc MPXM2202AS Datasheet HTML 440Page - Motorola, Inc MPXM2202AS Datasheet HTML 441Page - Motorola, Inc MPXM2202AS Datasheet HTML 442Page - Motorola, Inc MPXM2202AS Datasheet HTML 443Page - Motorola, Inc MPXM2202AS Datasheet HTML 444Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 670 page
background image
AN1326
3–294
Motorola Sensor Device Data
www.motorola.com/semiconductors
ORG
$C000
* DESIGNATES START OF MEMORY MAP FOR USER CODE
LDX
#REGBASE
* Location of base register for indirect adr
BSR
SPI_CNFG
* Set–up SPI Module for data X–mit to LCD
BSR
SET_UP
* Power–Up A/D, initialize constants
CONVERT
BSR
ADCONV
* Calls subroutine to make an A/D conversion
BSR
DELAY
* Delay routine to prevent LCD flickering
BSR
IN_HG
* Converts hex format to in of Hg
*
The value of FLAG passed from IN_HG is used to determine
*
If a range error has occurred.
The following logical
*
statements are used to either allow further conversion or jump
*
to a routine to display a range error message.
LDAB
FLAG
* Determines if an range Error has ocurred
CMPB
#$80
* If No Error detected (FLAG=$80) then
BEQ
INRANGE
*
system will continue conversion process
BSR
ERROR
* If error occurs (FLAG<>80), branch to ERROR
BRA
OUTPUT
* Branches to output ERROR code to display
*
No Error Detected, Conversion Process Continues
INRANGE
JSR
BCDCONV
* Converts Hex Result to BCD
JSR
LOOKUP
* Uses Look–Up Table for BCD–Decimal
OUTPUT
JSR
SPI2LCD
* Output transmission to LCD
BRA
CONVERT
* Continually converts using Branch Always
*
Subroutine SPI_CNFG
*
Purpose is to initialize SPI for transmission
*
and clear the display before conversion.
SPI_CNFG BSET
PORTD,X #$20
* Set SPI SS Line High to prevent glitch
LDAA
#$38
* Initializing Data Direction for Port D
STAA
DDRD,X
* Selecting SS, MOSI, SCK as outputs only
LDAA
#$5D
* Initialize SPI–Control Register
STAA
SPCR,X
* selecting SPE,MSTR,CPOL,CPHA,CPRO
LDAA
#$5
* sets counter to X–mit 5 blank bytes
STAA
COUNTER
LDAA
SPSR,X
* Must read SPSR to clear SPIF Flag
CLRA
* Transmission of Blank Bytes to LCD
ERASELCD JSR
TRANSFER
* Calls subroutine to transmit
DEC
COUNTER
BNE
ERASELCD
RTS
*
Subroutine SET_UP
*
Purpose is to initialize constants and to power–up A/D
*
and to initialize POFFSET used in conversion purposes.
SET_UP
LDAA
#$90
* selects ADPU bit in OPTION register
STAA
ADOPT,X
* Power–Up of A/D complete
LDD
#$0131+$001A
* Initialize POFFSET
STD
POFFSET
* POFFSET = 305 – 25 in hex
LDAA
#$00
* or Pmax + offset voltage (5 V)
RTS
*
Subroutine DELAY
*
Purpose is to delay the conversion process
*
to minimize LCD flickering.
DELAY
LDA
#$FF
* Loop for delay of display
OUTLOOP
LDB
#$FF
* Delay = clk/255*255
INLOOP
DECB
BNE
INLOOP
DECA
BNE
OUTLOOP
RTS
*
Subroutine ADCONV
*
Purpose is to read the A/D input, store the conversion into
*
SENSOUT. For conversion purposes later.
ADCONV
LDX
#REGBASE
* loads base register for indirect addressing
LDAA
#$25
STAA
ADCTL,X
* initializes A/D cont. register SCAN=1,MULT=0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com