Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9467BCPZRL7-200 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9467BCPZRL7-200
Description  Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467BCPZRL7-200 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9467BCPZRL7-200 Datasheet HTML 6Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 7Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 8Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 9Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 10Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 11Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 12Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 13Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect To
Rating
Electrical
AVDD1, AVDD3
AGND
−0.3 V to +2.0 V
AVDD2, SPIVDD
AGND
−0.3 V to +3.9 V
DRVDD
DRGND
−0.3 V to +2.0 V
AGND
DRGND
−0.3 V to +0.3 V
AVDD2, SPIVDD
AVDD1,
AVDD3
−2.0 V to +3.9 V
AVDD1, AVDD3
DRVDD
−2.0 V to +2.0 V
AVDD2, SPIVDD
DRVDD
−2.0 V to +3.9 V
Digital Outputs (Dx+,
Dx−, OR+, OR−,
DCO+, DCO−)
DRGND
−0.3 V to DRVDD + 0.2 V
CLK+, CLK−
AGND
−0.3 V to AVDD1 + 0.2 V
VIN+, VIN−
AGND
−0.3 V to +3.6 V
XVREF
AGND
−0.3 V to AVDD1 + 0.2 V
SCLK, CSB, SDIO
AGND
−0.3 V to SPIVDD + 0.2 V
Environmental
Operating Temperature
Range (Ambient)
−40°C to +85°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 6.
Air Flow Velocity (m/sec)
θJA1, 2
θJB1,3, 4
θJC1, 5
Unit
0.0
15.7°C/W
7.5°C/W
0.5°
°C/W
1.0
13.7°C/W
N/A
N/A
°C/W
2.5
12.3°C/W
N/A
N/A
°C/W
1
Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per JEDEC JESD51-8 (still air).
4
N/A = not applicable.
5
Per MIL-STD 883, Method 1012.1.
ESD CAUTION


Similar Part No. - AD9467BCPZRL7-200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9467BCPZRL7-200 AD-AD9467BCPZRL7-200 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
More results

Similar Description - AD9467BCPZRL7-200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com