Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXGCM5800-240-AU Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXGCM5800-240-AU
Description  GaPO4 - Crystal Microbalance Element
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGCM5800-240-AU Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXGCM5800-240-AU Datasheet HTML 1Page - Advanced XTAL Products AXGCM5800-240-AU Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXGCM5800‐240‐Au 
www.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
page 
1(2) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXGCM5800‐240‐Au 
Rev.:1 
Date: 2014‐06‐02  
Type : 
    GaPO4 ‐ Crystal Microbalance Element (Monitor Crystal) 
 
QCM for High Temperature Applications 
Parameter 
min.
typ.  max. Unit 
Condition 
Nominal frequency 
5.800 
MHz  
Adjustment frequency 
5.800 
MHz  
Crystal cut 
Y‐12.5°  
 
Overtone 
1  
 
Adjustment tolerance 
‐100  
+100 kHz  
Frequency vs. temperature 
  
 
 
See chart page 2 
Turn‐over temperature T0  
+240  
°C  
First order temperature coefficient  
0.00717
 
ppm/K 
ref. to T0 
Second order temperature coefficient  
‐0.00976 
 
ppm/K² 
ref. to T0 
Third order temperature coefficient  
7.2∙10
‐6 
 
Ppm/K³ 
ref. to T0 
Resonance resistance Rr 
  
10 
 
Motional capacitance C1 
 
80  
fF  
Shunt capacitance C0 
 
32  
pF  
Drive level 
 
100  
µW 
 
Operating temperature range 
0  
+600 °C  
Storage temperature range 
‐40  
+650 °C  
QCM diameter 
13.97 ± 0.03 
mm  
Blank surface quality 
Fine lapped  
 
Contour 
Plano‐convex  
R= 265mm 
  
Electrode diameter Side A (plano) 
13.0 ± 0.1 
mm 
Fully plated 
Electrode material Side A 
NiCr ‐ Au  
 
Electrode diameter Side B (convex) 
6.0 
mm 
See drawing 
Electrode material Side B 
NiCr ‐ Au  
 
Maximum operating temperature 
  
550 
°C  
 
 
Side A   (Plane)                                                               Side B (Convex) 
 
φ 13mm±0. 1mm


Similar Part No. - AXGCM5800-240-AU

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGCM5800-500-PT AXTAL-AXGCM5800-500-PT Datasheet
251Kb / 2P
   GaPO4 - Crystal Microbalance Element
More results

Similar Description - AXGCM5800-240-AU

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXGCM5800-500-PT AXTAL-AXGCM5800-500-PT Datasheet
251Kb / 2P
   GaPO4 - Crystal Microbalance Element
AXLCM610-AU AXTAL-AXLCM610-AU Datasheet
254Kb / 2P
   Langasite Crystal Microbalance Element
AXQCM86-AU AXTAL-AXQCM86-AU Datasheet
220Kb / 2P
   Quartz Crystal Microbalance Element
AXQCM600-AU AXTAL-AXQCM600-AU Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
AXGCM5600-240-PT AXTAL-AXGCM5600-240-PT Datasheet
165Kb / 2P
   GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 850째C
AXGCM5600-500-PT AXTAL-AXGCM5600-500-PT Datasheet
162Kb / 2P
   GaPO4 ??Crystal Microbalance Element (Monitor Crystal) For High Temperature Applications up to 900째C
AXQCM496-AG AXTAL-AXQCM496-AG Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-TI AXTAL-AXQCM496-TI Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM598-AG AXTAL-AXQCM598-AG Datasheet
106Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM598-AL AXTAL-AXQCM598-AL Datasheet
106Kb / 1P
   Quartz Crystal Microbalance Element
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com