Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXQCV500-AU Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXQCV500-AU
Description  Quartz Crystal Microbalance Element (Monitor Crystal)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXQCV500-AU Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXQCV500-AU Datasheet HTML 1Page - Advanced XTAL Products AXQCV500-AU Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXQCV500‐Au 
www.axtal.com 
Roemerring 9 
Drawing D1 
fon: +49 (6261) 939834 
D‐74821 Mosbach  
page 
1(2) 
fax: +49 (6261) 939836 
Germany  
E‐mail: info@axtal.com 
GmbH & Co. KG
 
Specification  
AXQCV500‐Au 
Rev.: 01 
Date: 2012‐08‐13  
Type : 
    Quartz Crystal Sensor Element (Monitor Crystal) 
 
Polished, 25.4 mm diameter
Parameter 
min.
typ.  max. Unit 
Condition 
Nominal frequency 
5.000 
MHz  
Adjustment frequency 
5.000 
MHz  
Crystal cut 
AT  
 
Overtone 
1  
 
Crystal contour 
Plano‐plano  
 
Adjustment tolerance 
‐7  
+7 
kHz 
@ 25°C 
Frequency stability 
   
 
 
Over operating temperature range ‐50  
+50 
ppm  
Resonance resistance Rr 
  
20 
 
Motional capacitance C1 
   
fF  
Shunt capacitance C0 
  
pF  
Drive level 
 
100  
µW 
 
Operting temperature range 
0  
+70 
°C  
Storage temperature range 
‐40  
+105  °C  
QCV diameter 
25.4 ± 0.05 
mm  
Blank surface quality 
polished  
 
Electrode diameter Side A 
12.8 
mm 
See drawing 
Electrode material Side A 
Cr‐Ag  
 
Electrode Side B 
6.4 
mm 
See drawing 
Electrode material Side B 
Cr‐Ag  
 
 
Side A      
           
 
Side B 
      
Ordering Code: 
Model (Specification) 
Frequency [MHz] 
AXQCV500‐Au 
5.000 
2.6mm
2. 6mm
1. 5mm
14. 5mm


Similar Part No. - AXQCV500-AU

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXQCM496-AG AXTAL-AXQCM496-AG Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-AU AXTAL-AXQCM496-AU Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-TI AXTAL-AXQCM496-TI Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM500-AG AXTAL-AXQCM500-AG Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
AXQCM500-AG-AL AXTAL-AXQCM500-AG-AL Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
More results

Similar Description - AXQCV500-AU

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXQCM610-AG AXTAL-AXQCM610-AG Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element (Monitor Crystal)
AXQCM610-AU AXTAL-AXQCM610-AU Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element (Monitor Crystal)
AXQCM598-AL-AU AXTAL-AXQCM598-AL-AU Datasheet
243Kb / 2P
   Quartz Crystal Microbalance Element (Monitor Crystal)
AXQCM86-AU AXTAL-AXQCM86-AU Datasheet
220Kb / 2P
   Quartz Crystal Microbalance Element
AXQCM600-AU AXTAL-AXQCM600-AU Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
AXQCM496-AG AXTAL-AXQCM496-AG Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-TI AXTAL-AXQCM496-TI Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM496-AU AXTAL-AXQCM496-AU Datasheet
140Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM598-AU AXTAL-AXQCM598-AU Datasheet
106Kb / 1P
   Quartz Crystal Microbalance Element
AXQCM500-AG-AL AXTAL-AXQCM500-AG-AL Datasheet
242Kb / 2P
   Quartz Crystal Microbalance Element
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com