Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDX-D20 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDX-D20
Description  Active ORing Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDX-D20 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDX-D20 Datasheet HTML 1Page - Bel Fuse Inc. LDX-D20 Datasheet HTML 2Page - Bel Fuse Inc. LDX-D20 Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
LDX-D20
tech.support@psbel.com
Input DC Voltage Range
12 - 85 VDC
Maximum Input Current
20 A
Output DC Voltage Range
12 - 85 VDC
Maximum Continuous Output
Current
20 A
Peak Output Current
> 100 A
Conduction Resistance
< 9 m
Ω
Maximum Dissipated Power
< 4 W
No Load Input Power
< 0.2 W
Status Signals
IN1 OK green LED
IN2 OK green LED
Redundancy IN1OK & IN2OK simultaneously
Dry contact (1 A / 30 V)
Input Protection
Overvoltage
Reverse polarity connection
≥ 100 V
Operating Temperature
No derating
- 40°C to 70°C
Storage Temperature
- 40°C to +80°C
Humidity
Non-condensing
5 - 95% r.H.
Overvoltage Category
Pollution Degree
III
2 (IEC664-1)
Insulation Enclosure To Live Parts
0.75 kVDC
Safety Standards
UL508 (reference)
EN60950 (reference)
EMC
Emission
EN55022:2010 (CISPR22)
EN55011:2009 /A1:2010
Class A
Class A
Immunity
EN61000-4-2:2008
EN61000-4-3:2006 /A2:2010
EN61000-4-4:2012
EN61000-4-5:2014
EN61000-4-11:2004 /A1:2010
Level 3
Level 3
Level 3
Level 1
Level 2
Protection Degree
EN60529:1989 /A:2013
IP20
Vibration Sinuosoidal
IEC 60068-2-6:2007
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2g 2 Hours / axis (X,Y,Z)
Shock
IEC 60068-2-27:2008
30 g 6 ms, 20g 11ms; 3 bumps / direction,
18 bumps total
NOTES:
Technical parameters are typical, measured in laboratory environment at 25°C and 240 VDC.
Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Data may change without prior notice in order to improve the product.
Weight
250 g
Dimensions
35 x 103 x 104 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
IN / OUT Connectors
Pluggable screw type (24 – 12 AWG), 6 poles
2.5 mm²
Dry Contact Connector
Pluggable screw type (24 – 12 AWG), 2 poles
2.5 mm²
Case Material
Aluminum


Similar Part No. - LDX-D20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDX-D50 BEL-LDX-D50 Datasheet
484Kb / 3P
   Ultra Compact Redundancy Module
More results

Similar Description - LDX-D20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com