| Electronic Components Datasheet Search |
|
PIC16F73-E/ML Datasheet(PDF) 111 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F73-E/ML Datasheet(HTML) 111 Page - Microchip Technology |
|
111 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 109 PIC16F7X DECFSZ Decrement f, Skip if 0 Syntax: [ label ] DECFSZ f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) - 1 → (destination); skip if result = 0 Status Affected: None Description: The contents of register ’f’ are decremented. If ’d’ is 0, the result is placed in the W register. If ’d’ is 1, the result is placed back in register ’f’. If the result is 1, the next instruc- tion is executed. If the result is 0, then a NOP is executed instead, making it a 2TCY instruction. GOTO Unconditional Branch Syntax: [ label ] GOTO k Operands: 0 ≤ k ≤ 2047 Operation: k → PC<10:0> PCLATH<4:3> → PC<12:11> Status Affected: None Description: GOTO is an unconditional branch. The eleven-bit immediate value is loaded into PC bits <10:0>. The upper bits of PC are loaded from PCLATH<4:3>. GOTO is a two- cycle instruction. INCF Increment f Syntax: [ label ] INCF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) + 1 → (destination) Status Affected: Z Description: The contents of register ’f’ are incremented. If ’d’ is 0, the result is placed in the W register. If ’d’ is 1, the result is placed back in register ’f’. INCFSZ Increment f, Skip if 0 Syntax: [ label ] INCFSZ f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) + 1 → (destination), skip if result = 0 Status Affected: None Description: The contents of register ’f’ are incremented. If ’d’ is 0, the result is placed in the W register. If ’d’ is 1, the result is placed back in register ’f’. If the result is 1, the next instruc- tion is executed. If the result is 0, a NOP is executed instead, making it a 2TCY instruction. IORLW Inclusive OR Literal with W Syntax: [ label ] IORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .OR. k → (W) Status Affected: Z Description: The contents of the W register are OR’ed with the eight-bit literal 'k'. The result is placed in the W register. IORWF Inclusive OR W with f Syntax: [ label ] IORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .OR. (f) → (destination) Status Affected: Z Description: Inclusive OR the W register with register 'f'. If 'd' is 0, the result is placed in the W register. If 'd' is 1, the result is placed back in register 'f'. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |