Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F77-I/SS Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F77-I/SS
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F77-I/SS Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F77-I/SS Datasheet HTML 120Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 121Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 122Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 123Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 124Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 125Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 126Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 127Page - Microchip Technology PIC16F77-I/SS Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 174 page
background image
PIC16F7X
DS30325B-page 122
 2002 Microchip Technology Inc.
IDD
Supply Current (Notes 2, 5)
D010
D010A
PIC16LF7X
—
—
0.4
20
2.0
48
mA
µA
XT, RC osc configuration
FOSC = 4 MHz, VDD = 3.0V (Note 4)
LP osc configuration
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
D010
D013
PIC16F7X
-
—
0.9
5.2
4
15
mA
mA
XT, RC osc configuration
FOSC = 4 MHz, VDD = 5.5V (Note 4)
HS osc configuration
FOSC = 20 MHz, VDD = 5.5V
D015*
∆IBOR Brown-out
Reset Current (Note 6)
—
25
200
µA BOR enabled, VDD = 5.0V
D020
IPD
Power-down Current (Notes 3, 5)
D021
PIC16LF7X
—
—
2.0
0.1
30
5
µA
µA
VDD = 3.0V, WDT enabled, -40
°C to +85°C
VDD = 3.0V, WDT disabled, -40
°C to +85°C
D020
D021
D021A
PIC16F7X
—
—
—
—
5.0
0.1
10.5
1.5
42
19
57
42
µA
µA
µA
µA
VDD = 4.0V, WDT enabled, -40
°C to +85°C
VDD = 4.0V, WDT disabled, -40
°C to +85°C
VDD = 4.0V, WDT enabled, -40
°C to +125°C
VDD = 4.0V, WDT disabled, -40
°C to +125°C
D023*
∆IBOR Brown-out
Reset Current (Note 6)
—
25
200
µA BOR enabled, VDD = 5.0V
15.1
DC Characteristics: PIC16F73/74/76/77 (Industrial, Extended)
PIC16LF73/74/76/77 (Industrial) (Continued)
PIC16LF73/74/76/77
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
PIC16F73/74/76/77
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
Legend: Shading of rows is to assist in readability of of the table.
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from-rail to-rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from character-
ization and is for design guidance only. This is not tested.
6: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
7: When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com