document.write("

2PB1-R Manufacturer
Search Partnumber : Match&Start with "2PB1-R" Total : 4 ( 1/1 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
2PB1219AQ T/RPNP general purpose transistor - Complement: 2PD1820AQ ; fT min: 100 MHz; hFE max: 170 ; hFE min: 85 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB1219AR T/RPNP general purpose transistor - Complement: 2PD1820AR ; fT min: 120 MHz; hFE max: 240 ; hFE min: 120 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB1219AS T/RPNP general purpose transistor - Complement: 2PD1820AS ; fT min: 140 MHz; hFE max: 340 ; hFE min: 170 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB1424,1152PB1424 - 20 V, 3 A PNP low VCEsat (BISS) transistor SOT-89 3-Pincompliant

transferred

1

");