document.write("

2PD3-R Manufacturer
Search Partnumber : Match&Start with "2PD3-R" Total : 34 ( 1/2 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
2PD1820AR T/RNPN general purpose transistor - Complement: 2PB1219AR ; fT min: 150 MHz; hFE max: 240 ; hFE min: 120 ; IC max: 500 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 50 Vcompliant
no
active
2PD1820AS T/RNPN general purpose transistor - Complement: 2PB1219AS ; fT min: 150 MHz; hFE max: 340 ; hFE min: 170 ; IC max: 500 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 50 Vcompliant
no
active
2PD2150,1152PD2150 - 20 V, 3 A NPN low VCEsat (BISS) transistor SOT-89 3-Pincompliant

transferred
2PD601AR T/RNPN general purpose transistors; 50 V, 100 mA - Complement: 2PB709AR ; fT min: 120 MHz; hFE max: 340 ; hFE min: 210 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
\"logo\"
Nexperia
2PD601ARL/DG,2152PD601ARL; 2PD601ASL - 50 V, 100 mA NPN general-purpose transistors@en-us TO-236 3-Pin

obsolete
2PD601ARL/DG,2352PD601ARL; 2PD601ASL - 50 V, 100 mA NPN general-purpose transistors@en-us TO-236 3-Pin

obsolete
2PD601ART-QR2PD601ART-Q - 50 V, 100 mA NPN general-purpose transistor@en-us TO-236 3-Pin

active
2PD601ART-QVL2PD601ART-Q - 50 V, 100 mA NPN general-purpose transistor@en-us TO-236 3-Pin

active
\"logo\"
NXP Semiconductors
2PD601ARW T/RNPN general purpose transistors; 50 V, 100 mA - Complement: 2PB709ARW ; fT min: 120 MHz; hFE max: 340 ; hFE min: 210 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 50 Vcompliant
no
active
\"logo\"
Nexperia
2PD601ARW-QX2PD601ARW-Q - 50 V, 100 mA NPN general purpose transistor@en-us SC-70 3-Pin

active
\"logo\"
NXP Semiconductors
2PD601AS T/RNPN general purpose transistors; 50 V, 100 mA - Complement: 2PB709AS ; fT min: 140 MHz; hFE max: 460 ; hFE min: 290 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
\"logo\"
Nexperia
2PD601AS,1152PD601A series - NPN general purpose transistors; 50 V, 100 mA@en-us SMT 3-Pin

obsolete
\"logo\"
NXP Semiconductors
2PD601ASL/DG,2152PD601ARL; 2PD601ASL - 50 V, 100 mA NPN general-purpose transistors TO-236 3-Pin

transferred
\"logo\"
Nexperia
2PD601ASL/DG,2152PD601ARL; 2PD601ASL - 50 V, 100 mA NPN general-purpose transistors@en-us TO-236 3-Pin

obsolete
2PD601ASL/DG,2352PD601ARL; 2PD601ASL - 50 V, 100 mA NPN general-purpose transistors@en-us TO-236 3-Pin

obsolete
\"logo\"
NXP Semiconductors
2PD601ASW T/RNPN general purpose transistors; 50 V, 100 mA - Complement: 2PB709ASW ; fT min: 140 MHz; hFE max: 460 ; hFE min: 290 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 50 Vcompliant
no
active
\"logo\"
Nexperia
2PD601ASW-QX2PD601ASW-Q - 50 V, 100 mA NPN general purpose transistor@en-us SC-70 3-Pin

active
\"logo\"
NXP Semiconductors
2PD601BRL,2152PD601BRL; 2PD601BSL - 50 V, 200 mA NPN general-purpose transistors TO-236 3-Pin

transferred
2PD601BSL,2152PD601BRL; 2PD601BSL - 50 V, 200 mA NPN general-purpose transistors TO-236 3-Pin

transferred
2PD602AQ T/RNPN general purpose transistor - Complement: 2PB710AQ ; fT min: 140 MHz; hFE max: 170 ; hFE min: 85 ; IC max: 500 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active

1 2

");