document.write("
| D32-R Manufacturer |
| Search Partnumber : Match&Start with "D32-R" Total : 39 ( 1/2 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | D3202 (1462034-1) | ![]() | D3202=FX RELAY 140 MW 12 V | compliant yes active | |
| D3204 (1462034-2) | ![]() | D3204=FX Relay 140 mW 4.5 V | compliant yes active | ||
| D3205 (1462034-5) | ![]() | D3205=FX Relay 140 mW 6 V | compliant yes active | ||
| D3206 (1462034-6) | ![]() | D3206=FX Relay 140 mW 3 V | compliant yes active | ||
| D3207 (1462034-8) | ![]() | Communications/Signal PC Board Relays; D3207=FX Relay 140 mW 4.0 V ( Axicom ) | compliant yes active | ![]() | |
| D3209 (1462034-9) | ![]() | D3209=FX Relay 140 mW 5 V | compliant yes active | ||
| D3210 (1-1462034-3) | ![]() | D3210=FX Relay 140 mW 9 V | compliant yes active | ||
| D3212 (1-1462034-4) | ![]() | D3212=FX Relay 200 mW 24 V | compliant yes active | ||
| D3213 (1-1462034-5) | ![]() | D3213=FX Relay 300 mW 48 V | compliant yes active | ||
| D32136-000 | ![]() | I/O CONN | compliant yes active | ![]() | |
| D32169-000 | ![]() | Aluminum Alloy | compliant unknown obsolete | ||
| D32179-000 | ![]() | THERMOCOUPLE CABLE | compliant yes active | ![]() | |
| D32206-000 | ![]() | Connector Accessory, 0.188in Min Cable Dia, 0.3in Max Cable Dia, Aluminum Alloy | compliant unknown active | ||
| D3221 (1-1462034-9) | ![]() | D3221=FX Relay 80 mW 3 V | compliant yes active | ||
| D3222 (2-1462034-0) | ![]() | D3222=FX Relay 80 mW 4.5 V | compliant yes active | ||
| D3223 (2-1462034-1) | ![]() | D3223=FX Relay 80 mW 5 V | compliant yes active | ||
| D3224 (2-1462034-2) | ![]() | Communications/Signal PC Board Relays; D3224=FX Relay 80 mW 6 V ( Axicom ) | compliant yes active | ![]() | |
| D3225 (2-1462034-3) | ![]() | D3225=FX Relay 80 mW 9 V | compliant yes active | ||
| D3226 (2-1462034-4) | ![]() | D3226=FX Relay 80 mW 12 V | compliant yes active | ||
| D3227 (2-1462034-5) | ![]() | D3227=FX Relay 140 mW 24 V | compliant yes active |
1 2 |