document.write("

D60-R Manufacturer
Search Partnumber : Match&Start with "D60-R" Total : 11 ( 1/1 Page)
ManufacturerPart #Datasheet
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
TE Connectivity
D60073-000HEAT SHRINK TUBE, SINGLE WALL, 6.3 ID Before Shrink, 2:1 Shrink Ratiocompliant
unknown
active
D60083-000Circular Connector Adapter, Aluminum Alloynot_compliant
unknown
obsolete
D60430-000CONN BACKSHELL ADPT SZ 24 OLIVEunknown
no
active
D60472-000CONN BACKSHELL ADPT SZ 10-10SLcompliant
yes
active
D60478-000CONN BACKSHELL ADPT SZ12 13 OLIVunknown
no
active
D60485-000TXR40AB90-2007BInot_compliant
no
active
D60778-000CONN BACKSHELL ADPT SZ 25J OLIVEunknown
no
active
D608464001HEAT SHRINK TUBE, POLYESTERcompliant
unknown
active
D60911-000CONN BACKSHELL ADPT SZ 17E M25compliant
yes
obsolete
D60995-00044A1221-14-9/9-9CS3030not_applicable
not_applicable
active
\"logo\"
C&K
D60C00LFSSWITCH, SPNO, SQUARE, WHITE; Switch function type:SPNO Mom; Voltage, contact AC max:100V; Voltage, contact DC max:32V; Temp, op. max:85(degree C); Temp, op. min:-20(degree C); Length / Height, external:11.5mm; Width, external:11.4mm; RoHS Compliant: Yesunknown
unknown
active

1

");