document.write("
| FCU-R Manufacturer |
| Search Partnumber : Match&Start with "FCU-R" Total : 8 ( 1/1 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | FCU2250N80Z | ![]() | Power MOSFET, N-Channel, SUPERFET® II, 800 V, 2.6 A, 2.25 Ω, IPAK, 1800-TUBE | yes end_of_life | ![]() |
| FCU3400N80Z | ![]() | Power MOSFET, N-Channel, SUPERFET® II, 800 V, 2 A, 3.4 Ω, IPAK, 1800-TUBE | yes end_of_life | ![]() | |
| FCU360N65S3R0 | ![]() | Power MOSFET, N-Channel, SUPERFET® III, Easy Drive, 650 V, 10 A, 360 mΩ, IPAK, 1800-TUBE | yes lifetime_buy | ![]() | |
| FCU4300N80Z | ![]() | Power MOSFET, N-Channel, SUPERFET® II, 800 V, 1.6 A, 4.3 Ω, IPAK, 1800-TUBE | yes end_of_life | ![]() | |
| FCU5N60TU | ![]() | Power MOSFET, N-Channel, SUPERFET®, Easy Drive, 600 V, 4.6 A, 950 mΩ, IPAK, 5040-TUBE | yes end_of_life | ![]() | |
| FCU600N65S3R0 | ![]() | Power MOSFET, N-Channel, SUPERFET® III, Easy Drive, 650 V, 6 A, 600 mΩ, IPAK, 1800-TUBE | yes lifetime_buy | ![]() | |
| FCU850N80Z | ![]() | Power MOSFET, N-Channel, SUPERFET® II, 800 V, 6 A, 850 mΩ, IPAK, 1800-TUBE | yes end_of_life | ![]() | |
| FCU900N60Z | ![]() | Power MOSFET, N-Channel, SuperFET® II, FAST, 600V, 4.5A, 900mΩ, IPAK, 1800-TUBE | yes lifetime_buy | ![]() |
1 |