document.write("
| HIT-R151-MSR Manufacturer |
| Search Partnumber : Match&Start with "HIT-R151-MSR" Total : 35 ( 1/2 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Renesas Electronics Cor... | HIT1213 | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): 50; Ic (A): 0.5; Pc (W): 0.4; hFE: 60 to 320; VCE (sat) (V) max: 0.6; Package: TO-92 (1) | compliant yes active | |
| HIT1213-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92(1), / | compliant yes obsolete | ![]() | |
| HIT1577TQ-TL-E-Q | ![]() | Small Signal Bipolar Transistors, CMPAK, / | not_compliant yes obsolete | ![]() | |
| HIT468 | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): 25; Ic (A): 1; Pc (W): 0.8; hFE: 85 to 330; VCE (sat) (V) max: 0.5; Package: TO-92Mod | compliant yes active | ||
| HIT468-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92 Mod, / | compliant yes obsolete | ![]() | |
| HIT468TZ-EQ | ![]() | 1000mA, 25V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, SC-51, TO-92MOD, 3 PIN | compliant yes lifetime_buy | ||
| HIT562 | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): -25; Ic (A): -1; Pc (W): 0.8; hFE: 85 to 330; VCE (sat) (V) max: -0.5; Package: TO-92Mod | compliant yes active | ||
| HIT562-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92 Mod, / | compliant yes obsolete | ![]() | |
| HIT562TZ-EQ | ![]() | 1000mA, 25V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, SC-51, TO-92MOD, 3 PIN | compliant yes lifetime_buy | ||
| HIT647 | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): -100; Ic (A): -1; Pc (W): 0.9; hFE: 140 to 350; VCE (sat) (V) max: -0.5; Package: TO-92Mod | compliant yes active | ||
| HIT647-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92 Mod, / | compliant yes obsolete | ![]() | |
| HIT647TZ-E-Q | ![]() | Trans GP BJT PNP 100V 1A 3-Pin TO-92 Mod T/R | unknown unknown unknown | ||
| HIT647TZ-EQ | ![]() | 1000mA, 100V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, SC-51, TO-92MOD, 3 PIN | compliant yes lifetime_buy | ||
| HIT667 | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): 100; Ic (A): 1; Pc (W): 0.9; hFE: 140 to 330; VCE (sat) (V) max: 0.5; Package: TO-92Mod | compliant yes active | ||
| HIT667-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92 Mod, / | compliant yes obsolete | ![]() | |
| HIT667TZ-EQ | ![]() | 1000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, SC-51, TO-92MOD, 3 PIN | compliant yes lifetime_buy | ||
| HIT673 | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): -50; Ic (A): -0.5; Pc (W): 0.4; hFE: 60 to 320; VCE (sat) (V) max: -0.6; Package: TO-92 (1) | compliant yes active | ||
| HIT673-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92(1), / | compliant yes obsolete | ![]() | |
| HIT8050-N | ![]() | Transistor; Type: Amplifiers/Bipolar; VCEO (V): 25; Ic (A): 0.7; Pc (W): 0.625; hFE: 85 to 330; VCE (sat) (V) max: 0.5; Package: TO-92 (1) | compliant yes active | ||
| HIT8050-N-E-Q | ![]() | Small Signal Bipolar Transistors, TO-92(1), / | compliant yes obsolete | ![]() |
1 2 |