document.write("
| HS52-R Manufacturer |
| Search Partnumber : Match&Start with "HS52-R" Total : 3 ( 1/1 Page) |
| Manufacturer | Part # | Datasheet Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Renesas Electronics Cor... | HS54095 | ![]() | MOSFET, Switching; VDSS (V): 600; ID (A): 0.2; Pch : -; RDS (ON) typ. (ohm) @10V: 13.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 66; toff (µs) typ: -; Package: TO-92 (1) | compliant yes active | |
| HS54097 | ![]() | MOSFET, Switching; VDSS (V): 600; ID (A): 0.15; Pch : -; RDS (ON) typ. (ohm) @10V: 17; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 50; toff (µs) typ: -; Package: TO-92 (1) | compliant yes active | ||
| HS56021 | ![]() | HS56021 | unknown yes active |
1 |